Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3683 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 19Page - Texas Instruments ADC3683 Datasheet HTML 20Page - Texas Instruments ADC3683 Datasheet HTML 21Page - Texas Instruments ADC3683 Datasheet HTML 22Page - Texas Instruments ADC3683 Datasheet HTML 23Page - Texas Instruments ADC3683 Datasheet HTML 24Page - Texas Instruments ADC3683 Datasheet HTML 25Page - Texas Instruments ADC3683 Datasheet HTML 26Page - Texas Instruments ADC3683 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
7.3.3.2 External Voltage Reference (VREF)
For highest accuracy and lowest temperature drift, the VREF input can be directly connected to an external 1.6V
reference. A 10µF and a 0.1µF ceramic bypass capacitor (CVREF) connected between the VREF and REFGND
pins and placed as close to the pins as possible. The load current from the external reference is about 1mA.
Note
The internal reference is also used for other functions inside the device; therefore, the reference
amplifier should only be powered down in power down state but not during normal operation.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Reference
1.6V
Figure 7-15. External 1.6V reference
7.3.3.3 External Voltage Reference with Internal Buffer (REFBUF)
The ADC3683-SP is equipped with an on-chip reference buffer that also includes gain to generate the 1.6V
reference voltage from an external 1.2V reference. A 10µF and a 0.1µF ceramic bypass capacitor (CVREF)
between the VREF and REFGND pins and a 10µF and a 0.1µF ceramic bypass capacitor between the REFBUF
and REFGND pins is recommended. Both capacitors should be placed as close to the pins as possible. The load
current from the external reference is less than 100µA.
xINP
xINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
CREFBUF
Reference
1.2V
Figure 7-16. External 1.2V Reference Using Internal Reference Buffer
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com