Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3683 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3683 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 31Page - Texas Instruments ADC3683 Datasheet HTML 32Page - Texas Instruments ADC3683 Datasheet HTML 33Page - Texas Instruments ADC3683 Datasheet HTML 34Page - Texas Instruments ADC3683 Datasheet HTML 35Page - Texas Instruments ADC3683 Datasheet HTML 36Page - Texas Instruments ADC3683 Datasheet HTML 37Page - Texas Instruments ADC3683 Datasheet HTML 38Page - Texas Instruments ADC3683 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
7.3.5.3 Output Bit Mapper
The output bit mapper allows change to the output bit order for any selected interface mode.
N
NCO
TEST
PATTERN
Output
Formatter
14/16/18/
20-bit
DIG
I/F
Output
Bit Mapper
Output
Scrambler
Figure 7-39. Output Bit Mapper
There is a two step process to change the output bit mapping and assemble the output data bus:
1. Both channel A and B can have up to 20-bit output. Each output bit of either channel has a unique identifier
bit as shown in Table 7-7. The MSB starts with bit D19, depending on output resolution chosen, the LSB is
D6 (14-bit) to D0 (20-bit). The previous sample is only needed in 2-w mode.
2. The bit mapper is then used to assemble the output sample. The following sections detail how to remap the
serial output format.
Table 7-7. Unique identifier of each data bit
Bit
Channel A
Channel B
Previous sample (2w only)
Current sample
Previous sample (2w only)
Current sample
D19 (MSB)
0x2D
0x6D
0x29
0x69
D18
0x2C
0x6C
0x28
0x68
D17
0x27
0x67
0x23
0x63
D16
0x26
0x66
0x22
0x62
D15
0x25
0x65
0x21
0x61
D14
0x24
0x64
0x20
0x60
D13
0x1F
0x5F
0x1B
0x5B
D12
0x1E
0x5E
0x1A
0x5A
D11
0x1D
0x5D
0x19
0x59
D10
0x1C
0x5C
0x18
0x58
D9
0x17
0x57
0x13
0x53
D8
0x16
0x56
0x12
0x52
D7
0x15
0x55
0x11
0x51
D6
0x14
0x54
0x10
0x50
D5
0x0F
0x4F
0x0B
0x4B
D4
0x0E
0x4E
0x0A
0x4A
D3
0x0D
0x4D
0x09
0x49
D2
0x0C
0x4C
0x08
0x48
D1
0x07
0x47
0x03
0x43
D0 (LSB)
0x06
0x46
0x02
0x42
In the serial output mode, a data bit (with unique identifier) needs to be assigned to each location within the
serial output stream. There are a total of 40 addresses available per channel. Channel A spans from address
0x39 to 0x60 and channel B from address 0x61 to 0x88. When using complex decimation, the output bit mapper
is applied to both the “I” and the “Q” sample.
www.ti.com
ADC3683-SP
SBASAB5 – MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: ADC3683-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com