Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 41Page - Silicon Laboratories C8051F340 Datasheet HTML 42Page - Silicon Laboratories C8051F340 Datasheet HTML 43Page - Silicon Laboratories C8051F340 Datasheet HTML 44Page - Silicon Laboratories C8051F340 Datasheet HTML 45Page - Silicon Laboratories C8051F340 Datasheet HTML 46Page - Silicon Laboratories C8051F340 Datasheet HTML 47Page - Silicon Laboratories C8051F340 Datasheet HTML 48Page - Silicon Laboratories C8051F340 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 288 page
background image
Rev. 1.0
45
C8051F340/1/2/3/4/5/6/7
5. 10-Bit ADC (ADC0)
The ADC0 subsystem for the C8051F340/1/2/3/4/5/6/7 consists of two analog multiplexers (referred to col-
lectively as AMUX0), and a 200 ksps, 10-bit successive-approximation-register ADC with integrated
track-and-hold and programmable window detector. The AMUX0, data conversion modes, and window
detector are all configured under software control via the Special Function Registers shown in Figure 5.1.
ADC0 operates in both Single-ended and Differential modes, and may be configured to measure voltages
at port pins, the Temperature Sensor output, or VDD with respect to a port pin, VREF, or GND. The connec-
tion options for AMUX0 are detailed in SFR Definition 5.1 and SFR Definition 5.2. The ADC0 subsystem is
enabled only when the AD0EN bit in the ADC0 Control register (ADC0CN) is set to logic 1. The ADC0 sub-
system is in low power shutdown when this bit is logic 0.
ADC0CF
10-Bit
SAR
ADC
32
ADC0CN
Timer 0 Overflow
Timer 2 Overflow
Timer 1 Overflow
Start
Conversion
000
AD0BUSY (W)
VDD
ADC0LTH
AD0WINT
001
010
011
100
CNVSTR Input
Window
Compare
Logic
GND
101
Timer 3 Overflow
ADC0LTL
ADC0GTH ADC0GTL
AMX0P
AMX0N
AIN+
AIN-
VREF
Positive
Input
(AIN+)
AMUX
VDD
Negative
Input
(AIN-)
AMUX
Temp
Sensor
Port I/O
Pins*
Port I/O
Pins*
* 21 Selections on 32-pin package
20 Selections on 48-pin package
Figure 5.1. ADC0 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com