Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F340 Datasheet HTML 1Page - Silicon Laboratories C8051F340 Datasheet HTML 2Page - Silicon Laboratories C8051F340 Datasheet HTML 3Page - Silicon Laboratories C8051F340 Datasheet HTML 4Page - Silicon Laboratories C8051F340 Datasheet HTML 5Page - Silicon Laboratories C8051F340 Datasheet HTML 6Page - Silicon Laboratories C8051F340 Datasheet HTML 7Page - Silicon Laboratories C8051F340 Datasheet HTML 8Page - Silicon Laboratories C8051F340 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 288 page
background image
Full Speed USB Flash MCU Family
C8051F340/1/2/3/4/5/6/7
Rev. 1.0 8/06
Copyright © 2006 by Silicon Laboratories
C8051F34x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
10-Bit ADC
•
Up to 200 ksps
•
Built-in analog multiplexer with single-ended and
differential mode
•
VREF from external pin, internal reference, or VDD
•
Built-in temperature sensor
•
External conversion start input option
-
Two comparators
-
Internal voltage reference
-
Brown-out detector and POR Circuitry
USB Function Controller
-
USB specification 2.0 compliant
-
Full speed (12 Mbps) or low speed (1.5 Mbps) operation
-
Integrated clock recovery; no external crystal required for
full speed or low speed
-
Supports eight flexible endpoints
-
1 kB USB buffer memory
-
Integrated transceiver; no external resistors required
On-Chip Debug
-
On-chip debug circuitry facilitates full speed, non-intru-
sive in-system debug (No emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
Voltage Supply Input: 2.7 to 5.25 V
-
Voltages from 3.6 to 5.25 V supported using On-Chip
Voltage Regulator
HIgh Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
Instructions in 1 or 2 system clocks
-
48 MIPS and 25 MIPS versions available.
-
Expanded interrupt handler
Memory
-
4352 or 2304 Bytes RAM
-
64 or 32 kB Flash; In-system programmable in 512-byte
sectors
Digital Peripherals
-
40/25 Port I/O; All 5 V tolerant with high sink current
-
Hardware enhanced SPI™, SMBus™, and one or two
enhanced UART serial ports
-
Four general purpose 16-bit counter/timers
-
16-bit programmable counter array (PCA) with five cap-
ture/compare modules
-
External Memory Interface (EMIF)
Clock Sources
-
Internal Oscillator: 0.25% accuracy with clock recovery
enabled. Supports all USB and UART modes
-
External Oscillator: Crystal, RC, C, or clock (1 or 2 Pin
modes)
-
Low Frequency (80 kHz) Internal Oscillator
-
Can switch between clock sources on-the-fly
Packages
-
48-pin TQFP (C8051F340/1/4/5)
-
32-pin LQFP (C8051F342/3/6/7)
Temperature Range: –40 to +85 °C
ANALOG
PERIPHERALS
10-bit
200 ksps
ADC
64/32 kB
ISP FLASH
4/2 kB RAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(48/25 MIPS)
DIGITAL I/O
PRECISION INTERNAL
OSCILLATORS
HIGH-SPEED CONTROLLER CORE
A
M
U
X
+
-
WDT
+
-
USB Controller /
Transceiver
Port 0
Port 1
Port 2
Port 3
TEMP
SENSOR
VREG
VREF
Port 4
48 Pin Only
UART0
SMBus
PCA
4 Timers
SPI
UART1


Similar Part No. - C8051F340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340 SILABS-C8051F340 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
C8051F340 SILABS-C8051F340 Datasheet
1Mb / 276P
On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
C8051F340 SILABS-C8051F340 Datasheet
1Mb / 276P
Full Speed USB Flash MCU Family
C8051F340 SILABS-C8051F340 Datasheet
52Kb / 1P
USB, 48 MIPS, 64 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
More results

Similar Description - C8051F340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
Full Speed USB, 16 kB Flash MCU Family
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
Full Speed USB Flash MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com