Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 18Page - Silicon Laboratories C8051F340 Datasheet HTML 19Page - Silicon Laboratories C8051F340 Datasheet HTML 20Page - Silicon Laboratories C8051F340 Datasheet HTML 21Page - Silicon Laboratories C8051F340 Datasheet HTML 22Page - Silicon Laboratories C8051F340 Datasheet HTML 23Page - Silicon Laboratories C8051F340 Datasheet HTML 24Page - Silicon Laboratories C8051F340 Datasheet HTML 25Page - Silicon Laboratories C8051F340 Datasheet HTML 26Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 288 page
background image
Analog Peripherals
10-bit
200 ksps
ADC
A
M
U
X
Temp
Sensor
2 Comparators
+
-
VREF
VDD
CP0
VDD
+
-
CP1
VREF
Debug / Programming
Hardware
Port 0
Drivers
P0.0
AIN0 - AIN20
Port I/O Configuration
Digital Peripherals
Priority
Crossbar
Decoder
Crossbar Control
Power-On
Reset
Power
Net
UART0
Timers 0, 1,
2, 3
PCA/WDT
SMBus
SPI
P0.1
P0.2/XTAL1
P0.3/XTAL2
P0.4
P0.5
P0.6/CNVSTR
P0.7/VREF
Port 1
Drivers
Port 2
Drivers
Port 3
Drivers
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0/C2D
Supply
Monitor
System Clock Setup
External
Oscillator
Internal
Oscillator
XTAL1
XTAL2
Low Freq.
Oscillator*
Clock
Multiplier
Clock
Recovery
USB Peripheral
Controller
1 kB RAM
Full / Low
Speed
Transceiver
SFR
Bus
Voltage
Regulator
D+
D-
VBUS
VDD
VREG
GND
C2CK/RST
Reset
CIP-51 8051
Controller Core
64/32 kB ISP FLASH
Program Memory
256 Byte RAM
4/2 kB XRAM
C2D
*Low Frequency Oscillator option not available on C8051F346/7
C8051F340/1/2/3/4/5/6/7
22
Rev. 1.0
Figure 1.2. C8051F342/3/6/7 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com