Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 87 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 83Page - Silicon Laboratories C8051F340 Datasheet HTML 84Page - Silicon Laboratories C8051F340 Datasheet HTML 85Page - Silicon Laboratories C8051F340 Datasheet HTML 86Page - Silicon Laboratories C8051F340 Datasheet HTML 87Page - Silicon Laboratories C8051F340 Datasheet HTML 88Page - Silicon Laboratories C8051F340 Datasheet HTML 89Page - Silicon Laboratories C8051F340 Datasheet HTML 90Page - Silicon Laboratories C8051F340 Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 288 page
background image
Rev. 1.0
87
C8051F340/1/2/3/4/5/6/7
P1MDIN
0xF2
Port 1 Input Mode Configuration
160
P1MDOUT
0xA5
Port 1 Output Mode Configuration
160
P1SKIP
0xD5
Port 1 Skip
161
P2
0xA0
Port 2 Latch
161
P2MDIN
0xF3
Port 2 Input Mode Configuration
161
P2MDOUT
0xA6
Port 2 Output Mode Configuration
162
P2SKIP
0xD6
Port 2 Skip
162
P3
0xB0
Port 3 Latch
163
P3MDIN
0xF4
Port 3 Input Mode Configuration
163
P3MDOUT
0xA7
Port 3 Output Mode Configuration
163
P3SKIP
0xDF
Port 3Skip
164
P4
0xC7
Port 4 Latch
164
P4MDIN
0xF5
Port 4 Input Mode Configuration
165
P4MDOUT
0xAE
Port 4 Output Mode Configuration
165
PCA0CN
0xD8
PCA Control
278
PCA0CPH0 0xFC
PCA Capture 0 High
282
PCA0CPH1 0xEA
PCA Capture 1 High
282
PCA0CPH2 0xEC
PCA Capture 2 High
282
PCA0CPH3 0xEE
PCA Capture 3High
282
PCA0CPH4 0xFE
PCA Capture 4 High
282
PCA0CPL0
0xFB
PCA Capture 0 Low
281
PCA0CPL1
0xE9
PCA Capture 1 Low
281
PCA0CPL2
0xEB
PCA Capture 2 Low
281
PCA0CPL3
0xED
PCA Capture 3 Low
281
PCA0CPL4
0xFD
PCA Capture 4 Low
281
PCA0CPM0 0xDA
PCA Module 0 Mode Register
280
PCA0CPM1 0xDB
PCA Module 1 Mode Register
280
PCA0CPM2 0xDC
PCA Module 2 Mode Register
280
PCA0CPM3 0xDD
PCA Module 3 Mode Register
280
PCA0CPM4 0xDE
PCA Module 4 Mode Register
280
PCA0H
0xFA
PCA Counter High
281
PCA0L
0xF9
PCA Counter Low
281
PCA0MD
0xD9
PCA Mode
279
PCON
0x87
Power Control
101
PFE0CN
0xAF
Prefetch Engine Control
103
PSCTL
0x8F
Program Store R/W Control
118
PSW
0xD0
Program Status Word
90
REF0CN
0xD1
Voltage Reference Control
62
REG0CN
0xC9
Voltage Regulator Control
76
RSTSRC
0xEF
Reset Source Configuration/Status
110
SBCON1
0xAC
UART1 Baud Rate Generator Control
230
SBRLH1
0xB5
UART1 Baud Rate Generator High
231
SBRLL1
0xB4
UART1 Baud Rate Generator Low
231
SBUF1
0xD3
UART1 Data Buffer
230
SCON1
0xD2
UART1 Control
228
Table 9.3. Special Function Registers (Continued)
SFRs are listed in alphabetical order. All undefined SFR locations are reserved.
Register
Address
Description
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com