Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 17Page - Silicon Laboratories C8051F340 Datasheet HTML 18Page - Silicon Laboratories C8051F340 Datasheet HTML 19Page - Silicon Laboratories C8051F340 Datasheet HTML 20Page - Silicon Laboratories C8051F340 Datasheet HTML 21Page - Silicon Laboratories C8051F340 Datasheet HTML 22Page - Silicon Laboratories C8051F340 Datasheet HTML 23Page - Silicon Laboratories C8051F340 Datasheet HTML 24Page - Silicon Laboratories C8051F340 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 288 page
background image
Analog Peripherals
10-bit
200ksps
ADC
A
M
U
X
Temp
Sensor
2 Comparators
+
-
VREF
VDD
CP0
VDD
+
-
CP1
VREF
Debug / Programming
Hardware
Port 0
Drivers
P0.0
AIN0 - AIN19
Port I/O Configuration
Digital Peripherals
Priority
Crossbar
Decoder
Crossbar Control
Power-On
Reset
Power
Net
UART0
Timers 0, 1,
2, 3
PCA/WDT
SMBus
UART1
SPI
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6/XTAL1
P0.7/XTAL2
Port 1
Drivers
Port 2
Drivers
Port 3
Drivers
Port 4
Drivers
P1.0
P1.1
P1.2
P1.3
P1.4/CNVSTR
P1.5/VREF
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
Supply
Monitor
System Clock Setup
External
Oscillator
Internal
Oscillator
XTAL1
XTAL2
Low Freq.
Oscillator
Clock
Multiplier
Clock
Recovery
USB Peripheral
Controller
1k Byte
RAM
Full / Low
Speed
Transceiver
External Memory
Interface
Control
Address
Data
P1
P2 / P3
P4
SFR
Bus
Voltage
Regulator
D+
D-
VBUS
VDD
VREG
GND
C2CK/RST
Reset
C2D
CIP-51 8051
Controller Core
64/32k Byte ISP FLASH
Program Memory
256 Byte RAM
4/2k Byte XRAM
Rev. 1.0
21
C8051F340/1/2/3/4/5/6/7
Figure 1.1. C8051F340/1/4/5 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com