Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F340 Datasheet(PDF) 65 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 65 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 61Page - Silicon Laboratories C8051F340 Datasheet HTML 62Page - Silicon Laboratories C8051F340 Datasheet HTML 63Page - Silicon Laboratories C8051F340 Datasheet HTML 64Page - Silicon Laboratories C8051F340 Datasheet HTML 65Page - Silicon Laboratories C8051F340 Datasheet HTML 66Page - Silicon Laboratories C8051F340 Datasheet HTML 67Page - Silicon Laboratories C8051F340 Datasheet HTML 68Page - Silicon Laboratories C8051F340 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 288 page
background image
Rev. 1.0
65
C8051F340/1/2/3/4/5/6/7
Positive Hysteresis Voltage
(Programmed with CP0HYP Bits)
Negative Hysteresis Voltage
(Programmed by CP0HYN Bits)
VIN-
VIN+
INPUTS
CIRCUIT CONFIGURATION
+
_
CP0+
CP0-
CP0
VIN+
VIN-
OUT
VOH
Positive Hysteresis
Disabled
Maximum
Positive Hysteresis
Negative Hysteresis
Disabled
Maximum
Negative Hysteresis
OUTPUT
VOL
Figure 7.2. Comparator Hysteresis Plot
Comparator hysteresis is programmed using Bits3-0 in the Comparator Control Register CPTnCN (shown
in SFR Definition 7.1 and SFR Definition 7.4). The amount of negative hysteresis voltage is determined by
the settings of the CPnHYN bits. As shown in Figure 7.2, various levels of negative hysteresis can be
programmed, or negative hysteresis can be disabled. In a similar way, the amount of positive hysteresis is
determined by the setting the CPnHYP bits.
Comparator interrupts can be generated on both rising-edge and falling-edge output transitions. (For Inter-
rupt enable and priority control, see
Section “9.3. Interrupt Handler” on page 91.) The CPnFIF flag is set
to ‘1’ upon a Comparator falling-edge, and the CPnRIF flag is set to ‘1’ upon the Comparator rising-edge.
Once set, these bits remain set until cleared by software. The output state of the Comparator can be
obtained at any time by reading the CPnOUT bit. The Comparator is enabled by setting the CPnEN bit to
‘1’, and is disabled by clearing this bit to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com