Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 42Page - NXP Semiconductors RT600 Datasheet HTML 43Page - NXP Semiconductors RT600 Datasheet HTML 44Page - NXP Semiconductors RT600 Datasheet HTML 45Page - NXP Semiconductors RT600 Datasheet HTML 46Page - NXP Semiconductors RT600 Datasheet HTML 47Page - NXP Semiconductors RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
46 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PMIC_IRQ_N
-
A15
F5
[2]
Z I
- Interrupt input, active low logic. Used with an off-chip PMIC, if
present.
PMIC_MODE0 -
C15
D3
[2]
O O
- Power mode control output to an off-chip PMIC, if present.
Value is controlled by the PDRUNCFG and PDSLEEPCFG
registers. Reset state is 0.
PMIC_MODE1 -
B16
E4
[2]
O O
- Power mode control output to an off-chip PMIC, if present.
Value is controlled by the PDRUNCFG and PDSLEEPCFG
registers. Reset state is 0.
RESETN
K10 B15
C4
- I
- External reset input: A LOW on this pin resets the device,
causing I/O ports and peripherals to take on their default
states, and the boot code to execute. Wakes up the part from
deep power-down mode. Minimum reset pulse width is 4ns.
RTCXIN
-
B17
A2
- -
- RTC oscillator input. Selectable on-chip crystal load
capacitors are available for RTC oscillator. Please refer to UM
for further details.
RTCXOUT
-
A17
B3
- -
- RTC oscillator input. Selectable on-chip crystal load
capacitors are available for RTC oscillator. Please refer to UM
for further details.
USB1_DM
B9
T17
T1
- I/O - USB1 bidirectional D- line.
USB1_DP
B10 R17
U2
- I/O - USB1 bidirectional D+ line.
USB1_VBUS
[4]
R16
T2
- I
- VBUS pin (power on USB cable). 5 V tolerant pin when
supplies are present or when not present.
USB1_VDD3V3 C10 N16
K5
[3]
- -
- USB1 analog 3.3 V supply.
LDO_ENABLE
H9
A16
C5
- -
- When 1, enables the on-chip regulator to power core logic
through the VDDCORE pins. Tie low if an off-chip power
management IC (PMIC) is used to supply power to core logic.
This pin can not be left floating. 100K external pull-up or 10K
external pull-down is recommended. LDO_Enable is a
fail-safe pin. It must be driven high before VDD_AO1V8
supply comes up or at the same time.
VDD_AO1V8
L11 C13;
D13
B2; D4 [3]
- -
- Supply 1.8 V supply for “always on” features. This includes
the RTC, RESETN, LDO_ENABLE, PMIC_IRQ_N,
PMIC_MODE0, and PMIC_MODE1. See Table 5
VDDIO_0
B8;
D7;
E7;
F2;
G3;
J2
F5; H5;
K5;M5;
N6; N8;
N10
J12;
J13;
K12;
M10;
M12;
M9
[3]
- -
- Single 1.8 V to 3.3 V power supply for GPIOs defined as
belonging to the VDDIO_0 group. VDDIO_0, VDDIO_1, and
VDDIO_2 may be supplied at different voltage levels as
needed by the application.
VDDIO_0 supplies the following port pins: PIO0_0 to
PIO0_13; PIO1_11 to PIO1_29; and PIO2_12 to PIO2_23.
See Table 5
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com