Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
67 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.13.1.3 1 MHz Low-Power oscillator
The 1 MHz oscillator provides an ultra low-power, low-frequency clock source that can be
used to clock a variety of functions including the Watchdog Timer (WWDT) and the
OSTimer. It can also be used as the main system clock for low-power operation.
The 1 MHz Low Power oscillator is accurate to +/-10% over temperature.
10.13.1.4 Crystal oscillator
The main crystal oscillator on the RT600 can be used with crystal frequencies from 4 MHz
to 32 MHz. The crystal oscillator may be used to drive a PLL to achieve higher clock rates.
However, the practical range of crystal frequencies for PLL usage is 5 MHz to 26 MHz.
One aspect of the oscillator high gain mode is that a larger voltage swing is used at the
crystal pin. This gives a higher noise immunity within the oscillator and less edge to edge
jitter of the internal clock. When high gain mode is not required, power used by the crystal
oscillator can be reduced by using low power mode.
Remark: High gain mode requires a 1 megohm resistor to be inserted in parallel with the
crystal. See Section 16.5. For this reason, high gain mode and low power mode cannot
both be used in the same application. The board design must reflect the mode that will be
used.
10.13.1.5 32 kHz oscillator
The 32KHz oscillator resides in the “always-on” domain and is used to drive the Real Time
Clock. It is also available for use for a variety of other purposes including low-power UART
operation or as the main system clock for very low frequency operation.
10.13.2 System PLL (PLL0)
The system PLL accepts an input clock frequency in the range of 32.768 kHz to 25 MHz.
The input frequency is multiplied up to a high frequency with a Current Controlled
Oscillator (CCO). PLL lock time is approximately 150 us.
The PLL can be enabled or disabled by software.
10.13.3 Audio PLL (PLL2)
The audio PLL accepts an input clock frequency in the range of 1 MHz to 25 MHz. The
input frequency is multiplied up to a high frequency with a Current Controlled Oscillator
(CCO).
The PLL can be enabled or disabled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com