Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 83Page - NXP Semiconductors RT600 Datasheet HTML 84Page - NXP Semiconductors RT600 Datasheet HTML 85Page - NXP Semiconductors RT600 Datasheet HTML 86Page - NXP Semiconductors RT600 Datasheet HTML 87Page - NXP Semiconductors RT600 Datasheet HTML 88Page - NXP Semiconductors RT600 Datasheet HTML 89Page - NXP Semiconductors RT600 Datasheet HTML 90Page - NXP Semiconductors RT600 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
87 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.21.3 SHA-1 and SHA-2
The Hash peripheral is used to perform SHA-1 and SHA-2 (256) based hashing. A hash
takes an arbitrarily large message or image and forms a relatively small fixed size
“unique” number called a digest. The data is fed by words from the processor, DMA, or
hosted access; the words are converted from little-endian (Arm standard) to big-endian
(SHA standard) by the block.
10.21.3.1 Features
• Used with an HMAC to support a challenge/response or to validate a message.
• Can be used to verify external memory that has not been compromised.
10.21.4 PUF
The PUF controller provides a secure key storage without injecting or provisioning device
unique PUF root key.
10.21.4.1 Features
• Key strength of 256 bits. The PUF constructs 256-bit strength device unique PUF root
key using the digita fingerprint of a device derived from SRAM and error correction
data called Activation Code (AC). The AC is generated during enrollment process and
must be stored on external non-volatile memory device in the system.
• Generation, storage, and reconstruction of keys.
• Key sizes from 64 bits to 4096 bits.PUF controller allows storage of keys, generated
externally or on chip, of sizes 64 bits to 4096 bits
• PUF controller allows to assign a 4-bit index value for each key while generating key
codes. Keys that are assigned index value zero are output through HW bus,
accessible to AES engine and OTFAD block only. Keys with non-zero index are
available through APB register interface
10.21.5 CASPER co-processor
The Cryptographic Accelerator (CASPER) engine provides acceleration of asymmetric
cryptographic algorithms. When the Cryptographic Accelerator (CASPER) is used in
conjunction with hardware blocks for hashing and symmetric cryptography, significant
performance can be achieved. Supported crypto functions are implemented in the SDK
(Software Development Kit) and the mbed TLS examples utilize the CASPER peripheral
for computations.
10.21.6 Random Number Generator (RNG)
Random Number Generators (RNG) are used for cryptographic, modeling, and simulation
applications, which employ keys that must be generated in a random fashion.
10.21.7 On-the-Fly Decryption on Octal/Quad SPI interface (OTFAD)
The OTFAD function provides AES-128 Counter Mode On-the-Fly Decryption of external
data located on the Quad/octal SPI flash interface (QuadSPI) interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com