Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 65Page - NXP Semiconductors RT600 Datasheet HTML 66Page - NXP Semiconductors RT600 Datasheet HTML 67Page - NXP Semiconductors RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
69 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Fig 7. RT600 clock generation (continued)
HS SPI clock select
FC14FCLKSEL[2:0]
FRG14CTL[15:0]
frg_clk14
"none"
function clock
of HS SPI
48/60m_irc
16m_irc
audio_pll_clk
mclk_in
011
001
010
000
100
111
Fractional Rate
Divider (FRG)
HS SPI FRG clock select
FRG14CLKSEL[2:0]
frg_pll
main clk
"none"
011
001
010
000
111
48/60m_irc
16m_irc
USB clock select
USBHSFCLKSEL[2:0]
USBHSFCLKDIV
USB Clock
Divider
to HS
USB
clk_in
main_clk
001
111
000
"none"
I3C TC Select
I3C0FCLKSTCSEL[2:0]
I3C0FCLKSTCDIV
I3C TC
Divider
to I3C
clk_slow_tc
"none"
001
111
000
I3C Clock Select
I3C0FCLKSEL[2:0]
48/60m_irc
main_clk
"none"
001
111
000
I3C0FCLKDIV
I3C fclk
Divider
to I3C fclk
(should be a multiple
of 24 or 25 MHz)
I3C0FCLKSDIV
I3C TC
Divider
to I3C
clk_slow
1m_lposc
CLKCTL0_PFC1DIV
USB PHY bus
Clock Divider
to USB PHY
bus interface
main_clk
(max. 120 MHz)
HS SPI clock select
FC15FCLKSEL[2:0]
FRG15CTL[15:0]
frg_clk15
"none"
function clock
of PMIC I2C
48/60m_irc
16m_irc
audio_pll_clk
mclk_in
011
001
010
000
100
111
Fractional Rate
Divider (FRG)
PMIC I2C FRG clock select
FRG15CLKSEL[2:0]
frg_pll
main clk
"none"
011
001
010
000
111
48/60m_irc
16m_irc
FLEXSPIFCLKDIV
FlexSPI Clock
Divider
aux0_pll_clk
OSPI clock select
OSPIFFCLKSEL[2:0]
main_pll_clk
48/60m_irc
aux1_pll_clk
main clk
011
001
010
000
100
111
"none"
to FlexSPI
fclk
SDIO0 Clock
Divider
to SDIO0
fclk
aux0_pll_clk
SDIO 0 clock select
SDIO0FCLKSEL[2:0]
main_pll_clk
48/60m_irc
aux1_pll_clk
main clk
011
001
010
000
100
111
"none"
SDIO0FCLKDIV
200221
SDIO1 Clock
Divider
to SDIO1
fclk
aux0_pll_clk
SDIO 1 clock select
SDIO1FCLKSEL[2:0]
main_pll_clk
48/60m_irc
aux1_pll_clk
main clk
011
001
010
000
100
111
"none"
SDIO1FCLKDIV
Flexcomm n clock select
FCnFCLKSEL[2:0]
1 per Flexcomm interface (n = 0 through 7)
FRGnCTL[15:0]
frg_clk n
"none"
function clock
of Flexcomm n
48/60m_irc
16m_irc
audio_pll_clk
mclk_in
011
001
010
000
100
111
Fractional Rate
Divider (FRG)
FRG clock select n
FRGnCLKSEL[2:0]
frg_pll
main clk
"none"
011
001
010
000
111
48/60m_irc
16m_irc
PLL to Flexcomm
FRG Divider
main_pll_clk
FRGPLLCLKDIV
frg_pll



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com