Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT600 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors RT600 Datasheet HTML 77Page - NXP Semiconductors RT600 Datasheet HTML 78Page - NXP Semiconductors RT600 Datasheet HTML 79Page - NXP Semiconductors RT600 Datasheet HTML 80Page - NXP Semiconductors RT600 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
77 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
– 8 flexible and configurable buffers in AHB RX Buffer
– AHB TX Buffer implemented to buffer all write data from one AHB burst. AHB TX
Buffer size: 8 * 64 Bits
– All AHB masters share this AHB TX Buffer. No AHB master number limitation for
Write Access.
• Software triggered Flash read/write access by IP Bus
– IP RX FIFO implemented to buffer all read data from External device. FIFO size:
64 * 64 Bits
– IP TX FIFO implemented to buffer all Write data to External device. FIFO size: 128
* 64 Bits
– DMA support to fill IP TX FIFO
– DMA support to read IP RX FIFO
– SCLK stopped when reading flash data and IP RX FIFO is full
– SCLK stopped when writing flash data and IP TX FIFO is empty
10.17.3 SD/eMMC Interfaces
SD/eMMC memory card interface is available with dedicated DMA controller. Supports the
eMMC 5.0 standard including HS400 DDR mode. HS-400 is supported on SD port 0 only.
10.17.4 Flexcomm Interface serial communication
10.17.4.1 Features
• USART with asynchronous operation or synchronous master or slave operation.
• SPI master or slave, with up to 4 slave selects.
• I2C, including separate master, slave, and monitor functions.
• Two I2S functions using Flexcomm Interface 6 and Flexcomm Interface 7.
• Data for USART, SPI, and I2S traffic uses the Flexcomm Interface FIFO. The I2C
function does not use the FIFO.
10.17.4.2 SPI serial I/O controller (Flexcomm Interfaces 0 - 7)
Features
• Excluding delays introduced by external device and PCB, The maximum supported bit
rate for SPI master mode (transmit/receive) is 25 Mbit/s and the maximum supported
bit rate for SPI slave mode (transmit/receive) is 25 Mbit/s.
• Data frames of 1 to 16 bits supported directly. Larger frames supported by software or
DMA set-up.
• Master and slave operation.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Control information can optionally be written along with data. This allows very
versatile operation, including “any length” frames.
• Four Slave Select input/outputs with selectable polarity and flexible usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com