Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33889 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Step 5) Write to the MCR register normal debug (0001
x101), stand-by debug (0001 x110), or Stop debug (0001
x111)
While in debug mode, the SBC can be used without
having to clear the W/D on a regular basis to facilitate
software and hardware debugging.
Step 6) To leave the debug mode, write 0000 to the MCR
register.
To avoid entering the debug mode after a power up, first
read the BATFAIL bit (MCR read) and write 0000 into the
MCR.
Figure 11 illustrates entering the debug mode.
Figure 11. Debug Mode Enter
MCU FLASH PROGRAMMING CONFIGURATION
To facilitate the possibility of down loading software into
the application memory (MCU EEPROM or Flash), the SBC
allows the following capabilities: The VDD1 can be forced by
an external power supply to 5.0 V and the reset and WDOG
output by external signal sources to zero or 5.0 V without
damage. This supplies the complete application board with
external power supply and applies the correct signal to the
reset pin.
VSUP
SPI
MCR(step4)
BATFAIL
VDD1
debug mode
MCR (step5)
SPI: read batfail
MCR (step6)
SBC in debug Mode, no W/D
SBC not in debug Mode and W/D on
TIM1(step 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com