Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33889 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 52Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 53Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 54Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 55Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 56Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 57Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 58Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 59Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
57
33889
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 24. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
28-Pin SOICW
1.27 mm Pitch
18.0 mm x 7.5 mm Body
33889 Pin Connections
WDOG
MISO
SCLK
GND
GND
GND
GND
CANL
CANH
RTL
RTH
V2
CS
MOSI
RX
RST
INT
GND
GND
GND
GND
V2CTRL
VSUP
HS1
L0
L1
TX
VDD1
4
5
6
7
8
9
10
11
12
13
14
2
3
28
25
24
23
22
21
20
19
18
17
16
15
27
26
1
A
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Outline:
80 mm x 100 mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 35. Thermal Resistance Performance
Thermal
Resistance
Area A (mm2)
(
°C/W)
RθJA
0
69
300
53
600
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com