Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33889 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 47Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 48Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 49Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 50Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 21. Status bits
(*) Once the HS1 switch has been turned off because of over temperature, it can be turned on again by setting the appropriate
control bit to “1”.
WUR REGISTER
The local wake-up inputs L0 and L1 can be used in both normal and standby mode as port expander and for waking up the
SBC in sleep or stop mode.
Table 22. WUR Register
Table 23. Control bits:.
Status bit
Description
HS1OT (*)
High-side 1 over temperature
SHIFT
gnd shift level selected by GSLR1 and GSLR2 bits is reached
V2LOW
V2 below 4.0 V typical
VSUPLOW
VSUP below 6.1 V typical
WUR
D3
D2
D1
D0
$100b
W
LCTR3
LCTR2
LCTR1
LCTR0
R
L1WUb
L1WUa
L0WUb
L0WUa
Reset
1
1
1
1
Reset condition
POR, NR2R, N2R, STB2R, STO2R
LCTR3
LCTR2
LCTR1
LCTR0
L0 configuration
L1 configuration
X
X
0
0
inputs disabled
X
X
0
1
high level sensitive
X
X
1
0
low level sensitive
X
X
1
1
both level sensitive
0
0
X
X
inputs disabled
0
1
X
X
high level sensitive
1
0
X
X
low level sensitive
1
1
X
X
both level sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com