Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33889 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33889
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD voltage (HBM 100 pF, 1.5 k) (3)
CANL, CANH, HS1, L0, L1
RTH, RTL
All other pins
VESDH
±4.0
±3.0
±2.0
kV
ESD voltage (Machine Model) All pins, MC33889B (3) (4)
VESD-MM
±200
V
ESD voltage (CDM) All pins, MC33889D (4)
Pins 1,14,15, & 28
All other pins
VESD-CDM
750
500
V
RTH, RTL Termination Resistance
RT
500 to 16000
ohms
THERMAL RATINGS
Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TS
-55 to 165
°C
Ambient Temperature (for info only)
TA
-40 to 125
°C
Thermal resistance junction to gnd pin (5)
RTHJ/P
20
°C/W
Notes:
3.
Testing done in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 ), Machine Model (CZAP=200 pF, RZAP=0 ).
4.
ESD machine model (MM) is for MC33889B only. MM is now replaced by CDM (Charged Discharged model).
5.
Gnd pins 6,7,8,9,20, 21, 22, 23.
Figure 3. Transient test pulse for L0 and L1 inputs
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Max
Unit
LX
Transient Pulse
Gnd
Gnd
Generator
1nF
Note: Waveform in accordance to ISO7637 part1, test pulses 1, 2, 3a and 3b.
(note)
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com