Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33889 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33889
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33889
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CANH Output Voltage, Dominant
TX = 0.0 V; ICANH = -40 mA; Normal Operating Mode (19)
VCANH
V2 - 1.4
V
CANL Output Voltage, Dominant
TX = 0.0 V; ICANL = 40 mA; Normal Operating Mode (19)
VCANL
1.4
V
CANH Output Current (VCANH = 0; TX = 0.0)
For 33889D
For 33889B
ICANH
50
50
100
75
130
110
mA
CANL Output Current (VCANL = 14 V; TX = 0.0)
For 33889D
For 33889B
ICANL
50
50
140
90
170
135
mA
Detection Threshold For Short-circuit To Battery Voltage
(Normal Mode)
VCANH, VCANL
7.3
7.9
8.9
V
Detection Threshold For Short-circuit To Battery Voltage
(Term VBAT Mode), MC33889B
VcanH
Vsup/2+3
Vsup/2+5
V
Detection Threshold For Short-circuit To Battery Voltage
(Term VBAT Mode), MC33889D
VcanH
Vsup/2+3
Vsup/
2+4.55
V
CANH Output Current (Term VBAT Mode; VCANH = 12 V,
Failure3)
ICANH
5.0
10
µA
CANL Output Current (Term VBAT Mode; VCANL = 0.0 V;
VBAT = 12 V, Failure 4)
ICANL
0.0
2.0
µA
CANL Wake-Up Voltage Threshold
VWAKE,L
2.5
3.0
3.9
V
CANH Wake-Up Voltage Threshold
VWAKE,H
1.2
2.0
2.7
V
Wake-Up Threshold Difference (Hysteresis)
VWAKEL-
VWAKEH
0.2
V
CANH Single Ended Receiver Threshold (Failures 4, 6, 7)
VSE, CANH
1.5
1.85
2.15
V
CANL Single Ended Receiver Threshold (Failures 3, 8)
VSE, CANL
2.8
3.05
3.4
V
CANL Pull Up Current (Normal Mode)
ICANL,PU
45
75
90
µA
CANH Pull Down Current (Normal Mode)
ICANH,PD
45
75
90
µA
Receiver Differential Input Impedance CANH / CANL
RDIFF
100
300
kohm
Differential Receiver Common Mode Voltage Range (20)
VCOM
-10
10
V
CANH To Ground Capacitance
CCANH
50
pF
CANL To Ground Capacitance
CCANL
50
pF
CCANL to CCANH Capacitor Difference
DCCAN
10
pF
CAN Driver Thermal Shutdown
tCSD
150
160
°C
Notes
19.
For MC33889B, after 128 pulses on TX and no bus failure.
20.
Guaranteed by design
Table 4. Static Electrical Characteristics (continued).
Characteristics noted under conditions - VSUP From 5.5 V to 18 V and TJ from -40°C to 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com