Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374UM/D Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Serial Host Interface (SHI) I2C Protocol Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
41
Figure 10. SPI Slave Timing (CPHA = 1)
14
Serial Host Interface (SHI) I2C Protocol Timing
Table 22. SHI I2C Protocol Timing
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max
XX
Tolerable Spike Width on SCL or SDA
Filters Bypassed
Very Narrow Filters enabled
Narrow Filters enabled
Wide Fileters enabled.
—
—
—
—
—
0
10
50
100
—
—
—
—
0
10
50
100
ns
ns
ns
ns
44
SCL clock frequency
FSCL
—
100
—
400
kHz
44
SCL clock cycle
TSCL
10
—
2.5
—
µs
45
Bus free time
TBUF
4.7
—
1.3
—
µs
46
Start condition set-up time
TSUSTA
4.7
—
0.6
—
µs
SS
(Input)
SCK (CPOL = 0)
(Input)
SCK (CPOL = 1)
(Input)
MISO
(Output)
MOSI
(Input)
MSB
LSB
MSB
LSB
HREQ
(Output)
23
24
25
26
26
26
26
25
24
31
33
29
30
37
34
32
Valid
Valid
29
28
27
33
30
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com