Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374UM/D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56374UM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Documentation
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
5
•
Hardware Watchdog Timer
2.4
Packages
80-pin and 52-pin plastic LQFP packages.
3
Documentation
Table 2 lists the documents that provide a complete description of the DSP56374 and are required to design
properly with the part. Documentation is available from a local Freescale Semiconductor, Inc. (formerly
Motorola) distributor, semiconductor sales office, Literature Distribution Center, or through the Freescale
DSP home page on the Internet (the source for the latest information).
4
Signal Groupings
The input and output signals of the DSP56374 are organized into functional groups, which are listed in
Table 3.
The DSP56374 is operated from a 1.25 V and 3.3 V supply; however, some of the inputs can tolerate 5.0 V.
A special notice for this feature is added to the signal descriptions of those inputs.
Table 2. DSP56374 Documentation
Document Name
Description
Order Number
DSP56300 Family Manual
Detailed description of the 56300-family architecture and the
24-bit core processor and instruction set
DSP56300FM/AD
DSP56374 User’s Manual
Detailed description of memory, peripherals, and interfaces
DSP56374UM/D
DSP56374 Technical Data Sheet
Electrical and timing specifications; pin and package
descriptions
DSP56374
DSP56374 Product Brief
Brief description of the chip
DSP56374PB/D
Table 3. DSP56374 Functional Signal Groupings
Functional Group
Number of
Signals1
Detailed
Description
Power (VDD)11
Table 15
Ground (GND)
9
Table 5
Scan Pins
1
Table 6
Clock and PLL
3
Table 7
Interrupt and mode control
Port H2
5
Table 8
SHI
Port H2
5
Table 9
ESAI
Port C4
12
Table 10
ESAI_1
Port E5
12
Table 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com