| Electronic Components Datasheet Search |
|
56F8335 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8335 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 160 page ![]() 56F8335 Technical Data, Rev. 5 28 Freescale Semiconductor Preliminary PWMA0 58 Output In reset, output is disabled, pull-up is enabled PWMA0 - 5 — These are six PWMA output pins. PWMA1 60 PWMA2 61 PWMA3 63 PWMA4 64 PWMA5 66 ISA0 (GPIOC8) 104 Schmitt Input Schmitt Input/ Output Input, pull-up enabled ISA0 - 2 — These three input current status pins are used for top/bottom pulse width correction in complementary channel operation for PWMA. Port C GPIO — These GPIO pins can be individually programmed as input or output pins. In the 56F8335, these pins default to ISA functionality. In the 56F8135, the default state is not one of the functions offered and must be reconfigured. To deactivate the internal pull-up resistor, clear the appropriate bit of the GPIOC_PUR register. See Part 6.5.6 for details. ISA1 (GPIOC9) 105 ISA2 (GPIOC10) 106 FAULTA0 67 Schmitt Input Input, pull-up enabled FAULTA0 - 2 — These three fault input pins are used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMA0 bit in the SIM_PUDR register. See Part 6.5.6 for details. FAULTA1 68 FAULTA2 69 FAULTA3 70 Schmitt Input Input, pull-up enabled FAULTA3 — This fault input pin is used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. To deactivate the internal pull-up resistor, set the PWMA1 bit in the SIM_PUDR register. See Part 6.5.6 for details. PWMB0 32 Output In reset, output is disabled, pull-up is enabled PWMB0 - 5 — Six PWMB output pins. PWMB1 33 PWMB2 34 PWMB3 37 PWMB4 38 PWMB5 39 Table 2-2 Signal and Package Information for the 128-Pin LQFP (Continued) Signal Name Pin No. Type State During Reset Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |