| Electronic Components Datasheet Search |
|
56F8335 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8335 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 160 page ![]() Data Map 56F8335 Technical Data, Rev. 5 Freescale Semiconductor 41 Preliminary 4.4 Data Map Note: Data Flash is NOT available on the 56F8135 device. PWMA 80 0-2 P:$A0 PWM A Fault core 81 - 1 P:$A2 SW Interrupt LP 1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced from the vector table, providing only 19 bits of address. 2. If the VBA is set to $0200 (or VBA = 0000 for Mode 1, EMI_MODE = 0), the first two locations of the vector table are the chip reset addresses; therefore, these locations are not interrupt vectors. Table 4-6 Data Memory Map1, 2 1. Information in shaded areas not applicable to 56F8335/56F8135. 2. All addresses are 16-bit Word addresses, not byte addresses. Begin/End Address EX = 03 3. In the Operation Mode Register. EX = 14 4. Setting EX = 1 is not recommended in the 56F8335/56F8135, since the EMI is not functional in this package. X:$FF FFFF X:$FF FF00 EOnCE 256 locations allocated EOnCE 256 locations allocated X:$FF FEFF X:$01 0000 External Memory External Memory X:$00 FFFF X:$00 F000 On-Chip Peripherals 4096 locations allocated On-Chip Peripherals 4096 locations allocated X:$00 EFFF X:$00 2000 External Memory External Memory X:$00 1FFF X:$00 1000 On-Chip Data Flash 8KB X:$00 0FFF X:$00 0000 On-Chip Data RAM 8KB5 5. The Data RAM is organized as a 2K x 32-bit memory to allow single-cycle, long-word operations. Table 4-5 Interrupt Vector Table Contents1 (Continued) Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |