Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 52 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 52 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 48Page - Oxford Semiconductor OXCF950 Datasheet HTML 49Page - Oxford Semiconductor OXCF950 Datasheet HTML 50Page - Oxford Semiconductor OXCF950 Datasheet HTML 51Page - Oxford Semiconductor OXCF950 Datasheet HTML 52Page - Oxford Semiconductor OXCF950 Datasheet HTML 53Page - Oxford Semiconductor OXCF950 Datasheet HTML 54Page - Oxford Semiconductor OXCF950 Datasheet HTML 55Page - Oxford Semiconductor OXCF950 Datasheet HTML 56Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 52 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
6.11.12 Good-data status register ‘GDS’
The GDS register is located at offset 0x10 of the ICR
Good data status is set when the following conditions are
true:
•
ISR reads level0 (no interrupt), level2 or 2a
(receiver data) or level3 (THR empty) interrupt.
•
LSR[7] is clear i.e. no parity error, framing error
or break in the FIFO.
•
LSR[1] is clear i.e. no overrun error has occurred.
GDS[0]: Good Data Status
GDS[7:1]: Reserved
6.11.13 DMA Status Register ‘DMS’
The DMS register is located at offset 0x11 of the ICR. This
register is unused in the OXCF950 except for test
purposes.
6.11.14 Port Index Register ‘PIX’
The PIX register is located at offset 0x12 of the ICR. This
read-only register gives the UART index. For a single
channel device such as the OXCF950 this reads ‘0’.
6.11.15 Clock Alteration Register ‘CKA’
The CKA register is located at offset 0x13 of the ICR. This
register adds additional clock control mainly for
isochronous and embedded applications. The register is
effectively an enhancement to the CKS register.
This register is cleared to 0x00 after a hardware reset to
maintain compatibility with 16C550, but is unaffected by
software reset. This allows the user to select a clock mode
and then reset the channel to work-around any timing
glitches.
CKA[0]: Invert internal RX Clock
This allows the sense of the receiver clock to be inverted.
The main use for this would be to invert an isochronous
input clock so the falling edge were used for sampling
rather than the rising edge.
CKA[1]: Invert internal TX clock
This allows the sense of the transmitter clock to be
inverted. The main use for this would be to invert an
isochronous input clock so the rising edge were used for
data output rather than the falling edge.
CKA[2]: Invert DTR
This allows the DTR output signal to be inverted, which is
most likely to be useful when DTR is selected as being the
transmitter clock for isochronous applications.
6.11.16 Misc Data Register
The Misc Data Register allows the user to select access to
either the local configuration registers or the local bus,
when the OXCF950 is operating in Local Bus Mode. When
the OXCF950 is operating in Generic mode (8 byte
address space), it causes the local configuration registers
to overlay the UART registers. It has no effect when the
OXCF950 is operating in Normal Mode. When exiting
generic mode access to configuration registers, b0 is
cleared automatically.
Table 40 describes the MDR register operation.
MDR
Bits
Description
7:1
Reserved for future use : ‘0’ must be written to
these.
0
Active low Local Bus Enable (Local Bus
mode only).
Setting this bit to ‘0’ allows access to local bus.
Setting this bit to ‘1’ allows access to local
configuration registers.
Table 40: MDR operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com