Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 37 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 37 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 33Page - Oxford Semiconductor OXCF950 Datasheet HTML 34Page - Oxford Semiconductor OXCF950 Datasheet HTML 35Page - Oxford Semiconductor OXCF950 Datasheet HTML 36Page - Oxford Semiconductor OXCF950 Datasheet HTML 37Page - Oxford Semiconductor OXCF950 Datasheet HTML 38Page - Oxford Semiconductor OXCF950 Datasheet HTML 39Page - Oxford Semiconductor OXCF950 Datasheet HTML 40Page - Oxford Semiconductor OXCF950 Datasheet HTML 41Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 37 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
In all cases, a receiver data interrupt will be generated (if
enabled) if the Receiver FIFO Level (‘RFL’) reaches the
upper trigger level L2.
950 Mode:
When 950 trigger levels are enabled (ACR[5]=1), more
flexible trigger levels can be set by writing to the TTL, RTL,
FCL and FCH (see section 6.11) hence ignoring FCR[7:6].
6.5
Line Control & Status
6.5.1
False Start Bit Detection
On the falling edge of a start bit, the receiver will wait for
1/2 bit and re-synchronise the receiver’s sampling clock
onto the centre of the start bit. The start bit is valid if the
SIN line is still low at this mid-bit sample and the receiver
will proceed to read in a data character. Verifying the start
bit prevents the receiver from assembling a false data
character due to a low going noise spike on the SIN input.
Once the first stop bit has been sampled, the received data
is transferred to the RHR and the receiver will then wait for
a low transition on SIN signifying the next start bit.
The receiver will continue receiving data even if the RHR is
full or the receiver has been disabled (see section 6.11.3)
in order to maintain framing synchronisation. The only
difference is that the received data does not get transferred
to the RHR.
6.5.2
Line Control Register ‘LCR’
The LCR specifies the data format that is common to both
transmitter and receiver. Writing 0xBF to LCR enables
access to the EFR, XON1, XOFF1, XON2 and XOFF2,
DLL and DLM registers. This value (0xBF) corresponds to
an unused data format. Writing the value 0xBF to LCR will
set LCR[7] but leaves LCR[6:0] unchanged. Therefore, the
data format of the transmitter and receiver data is not
affected. Write the desired LCR value to exit from this
selection.
LCR[1:0]: Data length
LCR[1:0] Determines the data length of serial characters.
Note however, that these values are ignored in 9-bit data
framing mode, i.e. when NMR[0] is set.
LCR[1:0]
Data length
00
5 bits
01
6 bits
10
7 bits
11
8 bits
Table 31: LCR Data Length Configuration
LCR[2]: Number of stop bits
LCR[2] defines the number of stop bits per serial character.
LCR[2]
Data length
No. stop
bits
0
5,6,7,8
1
1
5
1.5
1
6,7,8
2
Table 32: LCR Stop Bit Number Configuration
LCR[5:3]: Parity type
The selected parity type will be generated during
transmission and checked by the receiver, which may
produce a parity error as a result. In 9-bit mode parity is
disabled and LCR[5:3] is ignored.
LCR[5:3]
Parity type
xx0
No parity bit
001
Odd parity bit
011
Even parity bit
101
Parity bit forced to 1
111
Parity bit forced to 0
Table 33: LCR Parity Configuration
LCR[6]: Transmission break
logic 0
⇒ Break transmission disabled.
logic 1
⇒ Forces the transmitter data output SOUT low
to alert the communication terminal, or send
zeros in IrDA mode.
It is the responsibility of the software driver to ensure that
the break duration is longer than the character period for it
to be recognised remotely as a break rather than data.
LCR[7]: Divisor latch enable
logic 0
⇒ Access to DLL and DLM registers disabled.
logic 1
⇒ Access to DLL and DLM registers enabled.
6.5.3
Line Status Register ‘LSR’
This register provides the status of data transfer to CPU.
LSR[0]: RHR data available
logic 0
⇒ RHR is empty: no data available
logic 1
⇒ RHR is not empty: data is available to be read.
LSR[1]: RHR overrun error
logic 0
⇒ No overrun error.
logic 1
⇒ Data was received when the RHR was full. An
overrun error has occurred. The error is
flagged when the data would normally have
been transferred to the RHR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com