Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 20 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 20 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor OXCF950 Datasheet HTML 20Page - Oxford Semiconductor OXCF950 Datasheet HTML 21Page - Oxford Semiconductor OXCF950 Datasheet HTML 22Page - Oxford Semiconductor OXCF950 Datasheet HTML 23Page - Oxford Semiconductor OXCF950 Datasheet HTML 24Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 20 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
5.5
CF/PCMCIA Function Configuration Registers
Each PCMCIA/CF card’s I/O function must implement Function Configuration Registers (FCR). These registers allow the host to
configure the function provided by the card, and are mapped into the attribute memory space at the location specified within the
CONFIG tuple (in the CIS). The CONFIG tuple defines a base address for the Function Configuration Registers and a number
corresponding to how may registers are supported (4 registers in the OXCF950). Each of these registers has read/write
capability and is mapped at even location, consistent with the design of attribute memory. The registers supported in the
OXCF950 are shown in the following table.
Offset from
FCR base
address
Attribute
memory address
Register
0
F8
Configuration Options Register
2
FA
Configuration and Status Register
4
FC
Pin Replacement Register
8
FE
Socket & Copy Register
Table 16: Configuration Register Mapping
Due to the type of function the OXCF950 configures the card to be, and the fact that it is a single function device, only a sub-set
of the total number of configuration registers are required.
The definition of each configuration register is detailed in the next few sub-sections.
5.5.1
Configuration Options Register ‘COR’ (offset 0xF8)
The configuration options register is used to configure PCMCIA/CF cards that have programmable address decoders. Once the
card’s client driver has successfully parsed the CIS, it will attempt to obtain system resources, as requested by the CIS. On
completion of this it assigns the resources to the card via the COR. The COR format and description is given in Table 17.
D7
D6
D5
D4
D3
D2
D1
D0
SRESET
LevIREQ
Function Configuration Index
Field
Type
Description
SRESET
R/W
Software reset
Setting this field to ‘1’ places the card in the reset state. This is equivalent to
setting the RESET signal (on pin) except this SRESET field is not reset.
Returning this field to ‘0’ leaves the card in the same un-configured, reset state
as the card would be following a power-up and hard reset.
LevIREQ1
R/W
Level Mode IREQ#
Setting this field to ‘1’ enables level type interrupts
Setting this field to ‘0’ enables pulse type interrupts
Function Configuration Index
R/W
Configuration Index
The host sets this field to the value of the Configuration Entry Number field of a
Configuration Table Entry tuple as defined in the CIS. On setting the non-zero
value in this field the function IO is enabled and IO accesses are allowed. When
the field is set to zero (e.g. after a hard reset) the card will be configured to
memory only mode and all IO accesses will be ignored by the card.
Table 17: Configuration Option Register
Note 1
The default tuples in the CIS tell the host that only level type interrupts are supported to allow lowest power consumption. The
OXCF950 supports both level and pulse type interrupts, and if a particular manufacturer requires to use pulse type, or both, then
the CIS can be modified using the external EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com