| Electronic Components Datasheet Search |
|
OXCF950 Datasheet(PDF) 22 Page - Oxford Semiconductor |
|
|
|||||||||||||||||||||||||||||
OXCF950 Datasheet(HTML) 22 Page - Oxford Semiconductor |
|
22 / 66 page ![]() DS-0027 Feb 06 External—Free Release Page 22 of 66 OXCF950 rev B DATA SHEET OXFORD SEMICONDUCTOR, INC. The STSCHG# signal is optional and is not supported on the OXCF950, to reduce the complexity of the device. Note 2 Audio is not supported on the device. Note 3 The OXCF950 does not support a specific power down mode, since it is a low power device that features a number of sleep modes (see Section 6 for further details). 5.5.3 Pin Replacement Register ‘PRR’ (Offset 0xFC) The Pin Replacement Register is implemented to provide information about READY, WP or the BVD[2..1] status when implementing the I/O interface. D7 D6 D5 D4 D3 D2 D1 D0 CBVD1 CBVD2 CREADY CWProt RBVD1 RBVD2 RREADY RWProt Field Description CBVD1 This bit is set (1) when the corresponding bit, RBVD1, changes state. This bit may also be written by the host. CBVD2 This bit is set (1) when the corresponding bit, RBVD2, changes state. This bit may also be written by the host. CREADY This bit is set (1) when the corresponding bit, RREADY, changes state. This bit may also be written by the host. CWProt This bit is set (1) when the corresponding bit, RWProt, changes state. This bit may also be written by the host. RBVD1 When read, this bit represents the internal state of the Battery Voltage Detect circuits which would be on the BVD1 pin. When this bit is written as 1 the corresponding CBVD1 bit is also written. When this bit is written as 0, the CBVD1 bit is unaffected. RBVD2 When read, this bit represents the internal state of the Battery Voltage Detect circuits which would be on the BVD2 pin. When this bit is written as 1 the corresponding CBVD2 bit is also written. When this bit is written as 0, the CBVD2 bit is unaffected. RREADY When read, this bit represents the internal state of the READY signal. This bit may also be used to determine the state of READY as that pin has been relocated for use as Interrupt Request on IO Cards. When this bit is written as 1 the corresponding “changed” bit is also written. When this bit is written as 0, the “changed” bit is unaffected. RWProt When read, this bit represents the state of the WP signal. This signal may also be used to determine the state of the Write Protect switch when pin 33 is being used for IOIS16#. When this bit is written as 1 the corresponding “changed” bit is also written. When this bit is written as 0, the “changed” bit is unaffected. Table 19: Pin Replacement Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |