Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCF950 Datasheet(PDF) 62 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 62 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 58Page - Oxford Semiconductor OXCF950 Datasheet HTML 59Page - Oxford Semiconductor OXCF950 Datasheet HTML 60Page - Oxford Semiconductor OXCF950 Datasheet HTML 61Page - Oxford Semiconductor OXCF950 Datasheet HTML 62Page - Oxford Semiconductor OXCF950 Datasheet HTML 63Page - Oxford Semiconductor OXCF950 Datasheet HTML 64Page - Oxford Semiconductor OXCF950 Datasheet HTML 65Page - Oxford Semiconductor OXCF950 Datasheet HTML 66Page - Oxford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 62 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
D
E
DL
A1
A2
A
EL
b
θ
L
e
11
PACKAGE INFORMATION
Figure 12: TQFP Device packaging
Dimension Min
Nom
Max
D
9.00 BSC
DL
7.00 BSC
E
9.00 BSC
EL
7.00 BSC
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
b
0.17
0.22
0.27
e
0.50
L
0.45
0.60
0.75
θ
0.0°
7.0°
Table 53 TQFP package dimensions
NOTE: All dimensions in millimetres. Angles in degrees.
#48
#1
DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com