Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200B Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
MPC5200B Data Sheet, Rev. 1
Electrical and Thermal Characteristics
Freescale Semiconductor
26
3. REQ# and GNT# are point-to-point signals and have different input setup times than do bused signals. GNT# and REQ#
have a setup of 5 ns at 66 MHz. All other signals are bused.
4. See the timing measurement conditions in the PCI Local Bus Specification [4].
For Measurement and Test Conditions, see the PCI Local Bus Specification [4].
3.3.7
Local Plus Bus
The Local Plus Bus is the external bus interface of the MPC5200B. A maximum of eight configurable chip
selects (CS) are provided. There are two main modes of operation: non-MUXed (Legacy and Burst) and
MUXED. The reference clock is the PCI CLK. The maximum bus frequency is 66 MHz.
Definition of Acronyms and Terms:
WS = Wait State
DC = Dead Cycle
LB = Long Burst
DS = Data Size in Bytes
tPCIck = PCI clock period
tIPBIck = IPBI clock period
Figure 10. Timing Diagram—IPBI and PCI clock (example ratio: 4:1)
3.3.7.1
Non-MUXed Mode
Table 24. Non-MUXed Mode Timing
Sym
Description
Min
Max
Units
Notes
SpecID
tCSA
PCI CLK to CS assertion
4.6
10.6
ns
A7.1
tCSN
PCI CLK to CS negation
2.9
7.0
ns
A7.2
t1
CS pulse width
(2+WS)*tPCIck
(2+WS)*tPCIck
ns
(1)
A7.3
t2
ADDR valid before CS assertion
tIPBIck
tPCIck
ns
A7.4
t3
ADDR hold after CS negation
tIPBIck
-ns
(2)
A7.5
t4
OE assertion before CS assertion
-
4.8
ns
A7.6
t5
OE negation before CS negation
-
2.7
ns
A7.7
t6
RW valid before CS assertion
tPCIck
-ns
A7.8
t7
RW hold after CS negation
tIPBIck
-ns
A7.9
t8
DATA output valid before CS assertion
tIPBIck
-
ns
A7.10
t9
DATA output hold after CS negation
tIPBIck
-
ns
A7.11
t10
DATA input setup before CS negation
8.5
-
ns
A7.12
PCI CLK
IPBI CLK
tIPBIck
tPCIck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com