| Electronic Components Datasheet Search |
|
MPC5200B Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5200B Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 78 page ![]() MPC5200B Data Sheet, Rev. 1 Electrical and Thermal Characteristics Freescale Semiconductor 18 NOTE Beware of changing the values on the pins of the reset configuration word after the deassertion of PORRESET. This may cause problems because it may change the internal clock ratios and so extend the PLL locking process. 3.3.4 External Interrupts The MPC5200B provides three different kinds of external interrupts: • Four IRQ interrupts • Eight GPIO interrupts with simple interrupt capability (not available in power-down mode) • Eight WakeUp interrupts (special GPIO pins) The propagation of these three kinds of interrupts to the core is shown in the following graphic: Figure 4. External Interrupt Scheme Due to synchronization, prioritization, and mapping of external interrupt sources, the propagation of external interrupts to the core processor is delayed by several IP_CLK clock cycles. The following table specifies the interrupt latencies in IP_CLK cycles. The IP_CLK frequency is programmable in the Clock Distribution Module (see Note Table 16). Table 16. External Interrupt Latencies Interrupt Type Pin Name Clock Cycles Reference Clock Core Interrupt SpecID Interrupt Requests IRQ0 10 IP_CLK critical (cint) A4.1 IRQ0 10 IP_CLK normal (int) A4.2 IRQ1 10 IP_CLK normal (int) A4.3 IRQ2 10 IP_CLK normal (int) A4.4 IRQ3 10 IP_CLK normal (int) A4.5 8 GPIOs 8 GPIOs GPIO WakeUp GPIO Std IRQ0 IRQ1 IRQ2 IRQ3 PIs cint int Grouper Encoder Encoder Main Interrupt Controller CORE_CINT CORE_INT e300 Core Notes: 1. PIs = Programmable Inputs 2. Grouper and Encoder functions imply programmability in software 8 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |