Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200B Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
Electrical and Thermal Characteristics
MPC5200B Data Sheet, Rev. 1
Freescale Semiconductor
15
AC Test Timing Conditions:
Unless otherwise noted, all test conditions are as follows:
•
TA = -40 to 85 oC
•
Tj = -40 to 115 oC
•
VDD_CORE = 1.42 to 1.58 V
VDD_IO = 3.0 to 3.6 V
•
Input conditions:
All Inputs: tr, tf <= 1 ns
•
Output Loading:
All Outputs: 50 pF
3.3.1
AC Operating Frequency Data
Table 12 provides the operating frequency information for the MPC5200B.
3.3.2
Clock AC Specifications
Figure 2. Timing Diagram—SYS_XTAL_IN
Table 12. Clock Frequencies
Min
Max
Units
SpecID
1
e300 Processor Core
—
400
MHz
A1.1
2
SDRAM Clock
—
133
MHz
A1.2
3
XL Bus Clock
—
133
MHz
A1.3
4
IP Bus Clock
—
133
MHz
A1.4
5
PCI / Local Plus Bus Clock
—
66
MHz
A1.5
6
PLL Input Range
15.6
35
MHz
A1.6
Table 13. SYS_XTAL_IN Timing
Sym
Description
Min
Max
Units
SpecID
tCYCLE
SYS_XTAL_IN cycle time.(1)
28.6
64.1
ns
A2.1
tRISE
SYS_XTAL_IN rise time.
—
5.0
ns
A2.2
tFALL
tRISE
tCYCLE
SYSCLK
tDUTY
tDUTY
CVIH
CVIL
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com