Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 3Page - NXP Semiconductors SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors SA9504 Datasheet HTML 10Page - NXP Semiconductors SA9504 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
7
DOWNCONVERTER
AC ELECTRICAL CHARACTERISTICS
VCC = 2.7 V; Tamb = 25°C, Plo= –3 dBm.
fRF = 881 MHz, fLO = 966.4 MHz, fIF = 85.4 MHz, output differential load of 850Ω for FM.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
–3
s
TYP
+3
s
MAX
UNIT
Cellular band downconverter
RF input frequency range
869
894
MHz
LO input frequency range
950
1030
MHz
IF output frequency range
50
300
MHz
IF Output Load Impedance
Single-ended, with external balun
850
Ω
Conversion Gain
6.5
7.5
8.2
dB
Noise Figure
Single sideband Noise Figure
10
11
dB
Input IP3
P1, P2 = –24 dBm.
Tone spacing = 60 kHz
5.0
dBm
RF Input Return Loss
ZS=50Ω with external matching
11.0
dB
LO Input Return Loss
ZS=50Ω
10.0
dB
(Tx) LO Output Return Loss
ZS=50Ω
8.0
dB
LO Input Power Range
–9
–6
0
dBm
(Tx) LO Output Power Range
ZL=50Ω single-ended; (Tx) LO buffer ON.
–6
–3
0
dBm
LO (Input and Output) to RF Leakage
Single-ended in, single-ended out.
–30
dBm
LO (Input and Output) to IF Leakage
Single-ended in, differential out.
–20
dBm
RF to LO (Input) Isolation
Single-ended in, single-ended out
30
dB
RF to IF Isolation
Single-ended in, differential out
10
dB
(Tx) LO Output to LO Input Isolation
Single-ended in, differential out
30
dB
Leakage conversion gain
f1 = fRX ± 40 MHz at LNA input.
P1 = – 70 dBm.
Measured through conversion gain in
stop-band, without SAW filters being
connected. Ports terminated with 50
Ω.
–40
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com