Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 13Page - NXP Semiconductors SA9504 Datasheet HTML 14Page - NXP Semiconductors SA9504 Datasheet HTML 15Page - NXP Semiconductors SA9504 Datasheet HTML 16Page - NXP Semiconductors SA9504 Datasheet HTML 17Page - NXP Semiconductors SA9504 Datasheet HTML 18Page - NXP Semiconductors SA9504 Datasheet HTML 19Page - NXP Semiconductors SA9504 Datasheet HTML 20Page - NXP Semiconductors SA9504 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
17
Downconverter Mixers Noise Figure
8
9
10
11
12
2.5
2.7
2.9
3.1
3.3
3.5
Noise Figure vs. VCC, Cellular FM
LO = –3 dBm
–40
°C
+25
°C
+85
°C
VCC (Volts)
SR02168
Figure 48.
7
8
9
10
11
2.5
2.7
2.9
3.1
3.3
3.5
Noise Figure vs. VCC, PCS1 Mixer
LO = –3 dBm
–40
°C
+25
°C
+85
°C
VCC (Volts)
SR02170
Figure 49.
–40
°C
+25
°C
+85
°C
7
8
9
10
11
2.5
2.7
2.9
3.1
3.3
3.5
Noise Figure vs. VCC, PCS2 Mixer
LO = –3 dBm
VCC (Volts)
SR02172
Figure 50.
6
8
10
12
14
0
–3
–6
–9
–12
–15
Noise Figure vs. LO, Cellular FM
VCC = 3.3 V
–40
°C
+25
°C
+85
°C
LO (dBm)
SR02169
Figure 51.
–40
°C
+25
°C
+85
°C
7
8
9
10
11
12
13
0
–3
–6
–9
–12
–15
LO (dBm)
Noise Figure vs. LO, PCS1 Mixer
VCC = 3.30 V
SR02171
Figure 52.
–40
°C
+25
°C
+85
°C
7
9
11
13
15
17
19
0
–3
–6
–9
–12
–15
LO (dBm)
Noise Figure vs. LO, PCS2 Mixer
VCC = 3.30 V
SR02173
Figure 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com