Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA9504 Datasheet HTML 1Page - NXP Semiconductors SA9504 Datasheet HTML 2Page - NXP Semiconductors SA9504 Datasheet HTML 3Page - NXP Semiconductors SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
3
BLOCK DIAGRAM
2
2
CELLULAR
PCS
RX BPF
Fo = 1960 MHz
BW = 60 MHz
2
PCS_IF
2
×2
2
2
2
1
LO_OUT
LO_ENABLE
CEL
LO_IN
VCC
BIAS
CTRL
SA9504
1
FM_IF
FM IF BPF
BW = 30kHz
SR02107
MODE
SELECT
LOGIC
4
LO_X2_EN
PCS/CELLULAR
S0
S1
CEL_IN
RX BPF
Fo = 881.5MHz
BW = 25 MHz
CEL_OUT
PCS_IN
PCS_OUT
RF_PCS
RF_CEL
PCS IF BPF
BW = 1.23MHz
2
PCS
LO_IN
1
2
Figure 1.
SA9504 Block Diagram
ABSOLUTE MAXIMUM RATINGS1
PARAMETER
RATINGS
UNIT
Supply voltage (VCC)
–0.3 to +3.6
V
Logic input voltage
–0.3 to VCC+0.3
V
Maximum power input
+20
dBm
Power dissipation (Tamb = 25°C)
800
mW
Storage temperature range
–65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to
absolute-maximum-rated-conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage (VCC)
2.7
2.85
3.3
V
Operating ambient temperature range (Tamb)
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com