Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 14Page - NXP Semiconductors SA9504 Datasheet HTML 15Page - NXP Semiconductors SA9504 Datasheet HTML 16Page - NXP Semiconductors SA9504 Datasheet HTML 17Page - NXP Semiconductors SA9504 Datasheet HTML 18Page - NXP Semiconductors SA9504 Datasheet HTML 19Page - NXP Semiconductors SA9504 Datasheet HTML 20Page - NXP Semiconductors SA9504 Datasheet HTML 21Page - NXP Semiconductors SA9504 Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
19
PINNING
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
GND1
RF_PCS
GND2
GND3
GND4
GND5
RF_CEL
LO_OUT
FM_IF
FM_IFB
NC
NC
PCS_IF
PCS_IFB
SR02106
= FREQUENCY DOUBLER
VCC1
LO_OUTB
×2
×2
SA9504
Figure 55.
Pin-Out Block Diagram
Table 2.
Pin function definition
PIN
NAME
DESCRIPTION
1
VCC1
Power supply
2
GND1
Ground
3
RF_PCS
PCS LNA input
4
GND2
Ground
5
GND3
Ground
6
GND4
Ground
7
GND5
Ground
8
RF_CEL
Cellular LNA input
9
LO_ENABLE
(Tx) LO buffer enable
10
CEL_OUT
Cellular LNA output
11
GND6
Ground
12
GND7
Ground
13
CEL_IN
Cellular RF mixer input
14
PCS_LO
PCS LO input
15
CEL_LO_IN
Cellular LO input
16
GND8
Ground
17
LO_OUT
Non-inverting (Tx) LO output
18
LO_OUTB
Inverting (Tx) LO output
19
FM_IF
Non-inverting FM IF output
20
FM_IFB
Inverting FM IF output
21
NC
Do not connect
22
NC
Do not connect
23
PCS_IF
Non-inverting PCS IF output
24
PCS_IFB
Inverting PCS IF output
25
PCS/CEL
PCS and cellular band select
26
PCS_IN
Non-inverting PCS RF mixer input
27
PCS_INB
Inverting PCS RF mixer input
28
S0
Control signal S0
29
S1
Control signal S1
30
PCS_OUT
PCS LNA output
31
GND9
Ground
32
LO_X2_EN
LO frequency doubler enable
in PCS mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com