Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA9504 Datasheet HTML 1Page - NXP Semiconductors SA9504 Datasheet HTML 2Page - NXP Semiconductors SA9504 Datasheet HTML 3Page - NXP Semiconductors SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
2
1999 Oct 28
DESCRIPTION
The SA9504 is an integrated receiver front-end for 900 MHz Cellular
(AMPS) and 1.9 GHz PCS (CDMA) phones. This dual-band receiver
circuit has low noise amplifiers and downconverters for both bands,
and provides an elegant solution for RF-to-IF conversion.
The two cascode LNAs have been designed to provide high gain
with very low noise figures and high linearity. The downconverter
portion is based on the Philips SA9502. There are two individual
mixer blocks, each optimized for low noise figure and high linearity.
The whole circuit is designed for low power consumption, high
performance, and is compatible with the requirements for Cellular
(AMPS) and PCS (CDMA) handsets.
The circuit has been designed in our advanced QUBiC3 BiCMOS
process with 30 GHz fT and 60 GHz fMAX.
FEATURES
LNA typical performance
PARAMETER
Cellular LNA
PCS (CDMA) LNA
Gain (dB)
16.5
14.8
Noise figure (dB)
1.6
2
Input IP3 (dBm)
–2
1
Current (mA)
4.9
4.9
• LNAs for both Cellular (AMPS) and PCS (CDMA) bands
• High gain, low noise figure, high linearity performance
• Cascode output structure requiring no external matching
• Low power consumption, typical 4.9 mA
• Low voltage operation down to 2.7 volts
Downconverter typical performance
PARAMETER
Cellular FM
PCS (CDMA)
Gain (dB)
7.5
11.5
Noise Figure (dB)
10
9
Input IP3 (dBm)
5
4
Current (mA)
(Tx) LO output buffer off
6.9
17
• Separate, selectable IF outputs to suit FM and CDMA bandwidths
• Buffered Cellular and PCS LO inputs
• Integrated frequency doubler for PCS mixer LO
• Differential (Tx) LO output buffer (can be switched on or off)
• Low voltage operation down to 2.7 volts
• Mixers current consumption with (Tx) LO buffer on:
– Cellular FM: 17.4 mA
– PCS: 27.6 mA
• Low standby current in sleep mode: <50 µA
• Small LQFP32 package
APPLICATIONS
• 800 MHz analog FM and receivers
• 1.9 GHz PCS (CDMA) digital receivers
• Supports dual-band operation
• Digital mobile communications equipment
• Portable, low power radio equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com