Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9504 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA9504
Description  Dual-band, PCSCDMA/AMPS LNA and downconverter mixers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9504 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA9504 Datasheet HTML 4Page - NXP Semiconductors SA9504 Datasheet HTML 5Page - NXP Semiconductors SA9504 Datasheet HTML 6Page - NXP Semiconductors SA9504 Datasheet HTML 7Page - NXP Semiconductors SA9504 Datasheet HTML 8Page - NXP Semiconductors SA9504 Datasheet HTML 9Page - NXP Semiconductors SA9504 Datasheet HTML 10Page - NXP Semiconductors SA9504 Datasheet HTML 11Page - NXP Semiconductors SA9504 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Philips Semiconductors
Preliminary specification
SA9504
Dual-band, PCS(CDMA)/AMPS
LNA and downconverter mixers
1999 Oct 28
8
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = 2.7 V; Tamb = 25°C, Plo= –3 dBm.
fRF = 1960 MHz, fLO = 1750 MHz, fIF = 210 MHz, output differential load of 1 kΩ for PCS.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
–3
s
TYP
+3
s
MAX
UNIT
PCS Downconverter
RF input frequency range
1810
1990
MHz
LO input frequency range
without doubler
1720
2120
MHz
with doubler
860
1050
MHz
IF output frequency range
50
300
MHz
IF Output Load Impedance
Differential
1000
Ω
Conversion Gain
10.5
11.5
12.5
dB
Noise Figure
SSB NF, low side LO (fLO = 1750 MHz)
9.0
10
dB
SSB NF, high side LO (fLO = 2170 MHz)
8.0
9
dB
Input IP3
P1, P2 = –30 dBm
Tone spacing = 800 kHz
3
4
dBm
RF Input Return Loss
ZS = 50Ω, with external matching
10
dB
LO Input Return Loss
ZS = 50Ω
10
dB
(Tx) LO Output Return Loss
ZS = 50Ω
8
dB
LO Input Power Range
–9
–6
0
dBm
(Tx) LO Output Power Range
ZL = 50Ω single-ended; (Tx) LO buffer ON
–10
–9
–6
dBm
LO (input and Output) to RF Leakage
Single-ended in, single-ended out,
with and without doubler
–35
dBm
LO (input and Output) to IF Leakage
Single-ended in, differential out,
with and without doubler
–35
dBm
RF to LO (Input) Isolation
Single-ended in, single-ended out,
with and without doubler
30
dB
RF to IF Isolation
Single-ended in, differential out
20
dB
(Tx) LO Output to LO Input Isolation
Single-ended in, differential out, with doubler
30
dB
Leakage conversion gain
f1 = fRX ± 80 MHz at LNA input.
P1 = – 70 dBm.
Measured through conversion gain in
stop-band, without SAW filters being
connected. Ports terminated with 50
Ω.
–40
dBc
TYPICAL DOWNCONVERTER SPECIFICATIONS WITH TEMPERATURE VARIATION FROM –40
°C TO +85°C
VCC = 2.7 V
SPECIFICATION
TEMPERATURE
UNIT
SPECIFICATION
–40
°C
+25
°C
+85
°C
UNIT
Cellular band downconverter
Conversion Gain Variation
1
0
–1
dB
IP3 Variation
–4
0
+1
dB
Noise Figure Variation
–1.5
0
1.5
dB
PCS band downconverter
Conversion Gain Variation
1
0
–1
dB
IP3 Variation
0.5
0
–1
dB
Noise Figure Variation
–1.5
0
0.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com