Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 3 Page - Texas Instruments

  TLV76118DCYR Datasheet HTML 1Page - Texas Instruments TLV76118DCYR Datasheet HTML 2Page - Texas Instruments TLV76118DCYR Datasheet HTML 3Page - Texas Instruments TLV76118DCYR Datasheet HTML 4Page - Texas Instruments TLV76118DCYR Datasheet HTML 5Page - Texas Instruments TLV76118DCYR Datasheet HTML 6Page - Texas Instruments TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
4 Pin Configuration and Functions
3
2
1
IN
OUT
GND
Figure 4-1. DCY Package, 4-Pin SOT-223 (Top View)
1
2
3
IN
OUT
GND
Figure 4-2. KVU Package (Preview), 3-Pin TO-252
(Top View)
Table 4-1. Pin Functions
PIN
DESCRIPTION
NAME
DCY
KVU
FUNCTION
GND
1
1
—
Ground pin
OUT
2, Tab
2, Tab
O
Output pin. Use the recommended capacitor value as listed in the
Recommended Operating Conditions table. Place the output capacitor as
close to the OUT and GND pins of the device as possible.
IN
3
3
I
Input pin. Use the recommended capacitor value as listed in the
Recommended Operating Conditions table. Place the input capacitor as
close to the IN and GND pins of the device as possible.
www.ti.com
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com