Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 5 Page - Texas Instruments

  TLV76118DCYR Datasheet HTML 1Page - Texas Instruments TLV76118DCYR Datasheet HTML 2Page - Texas Instruments TLV76118DCYR Datasheet HTML 3Page - Texas Instruments TLV76118DCYR Datasheet HTML 4Page - Texas Instruments TLV76118DCYR Datasheet HTML 5Page - Texas Instruments TLV76118DCYR Datasheet HTML 6Page - Texas Instruments TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TLV761
UNIT
DCY (SOT–223)
KVU (TO–252)
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
95.4
67.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.6
71.8
°C/W
RθJB
Junction-to-board thermal resistance
33.7
45.5
°C/W
ΨJT
Junction-to-top characterization parameter
13.9
31.6
°C/W
ΨJB
Junction-to-board characterization parameter
33.4
45.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
40.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
specified at TJ = –40°C to 125°C, VIN = VOUT(nom) + 1.5V or VIN = 2.5V (whichever is greater), IOUT = 10mA, CIN = 1.0µF and
COUT = 1.0µF (unless otherwise noted); typical values are at TJ= 25ºC
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
VOUT
Nominal output accuracy
TJ = 25°C
–1
1
%
VOUT
Output accuracy over temperature
VIN ≥ 3.0V, VOUT(NOM) ≤ 9.0V, 1mA ≤ IOUT ≤ 1A
–1.75
1.75
%
VOUT(NOM) > 9.0V, 1mA ≤ IOUT ≤ 1A
–1.5
1.5
ΔVOUT(ΔVIN) Line regulation(1)
VOUT(NOM) ≤ 9.0V, VOUT(NOM) + 1.5V ≤ VIN ≤ 16V, IOUT
= 10mA
0.02
%/V
VOUT(NOM) > 9.0V, VOUT(NOM) + 1.5V ≤ VIN ≤ 16V,
IOUT = 10mA
9.9
mV
ΔVOUT(ΔIOUT) Load regulation
1mA ≤ IOUT ≤ 1A, VIN ≥ 3.0V
0.1
0.75
%/A
VDO
Dropout voltage(2)
VIN ≥ 3.0V, IOUT = 1A
0.9
1.6
V
ICL
Output current limit
VOUT = 0.9 x VOUT(NOM) , VIN ≥ 3.0V
1.1
1.6
A
ISC
Short-circuit current limit
VOUT = 0V
150
250
350
mA
IQ
Quiescent current
IOUT = 0mA
65
100
µA
IPULLDOWN
Output pulldown current(3)
VIN = 1.8V, VOUT = 2.5V
0.7
1.1
mA
PSRR
Power-supply rejection ratio
VIN = 3.3V, VOUT = 1.8V, IOUT = 300mA, f = 120Hz
70
dB
Vn
Output noise voltage
BW = 10Hz to 100kHz, VIN = 3.3V, VOUT = 0.8V, IOUT
= 100mA
60
µVRMS
VUVLO+
UVLO threshold rising
VIN rising
2.2
2.4
V
VUVLO(HYS)
UVLO hysteresis
130
mV
VUVLO-
UVLO threshold falling
VIN falling
1.9
V
TSD(shutdown) Thermal shutdown temperature
Temperature increasing
180
ºC
TSD(reset)
Thermal shutdown reset temperature
Temperature falling
160
ºC
(1)
Line regulation is measured with VIN = VOUT(NOM) + 1.5 V or 2.5 V (whichever is greater).
(2)
VDO is measured with VIN = 95% x VOUT(nom) for fixed output devices. VDO is not measured for fixed output devices when VOUT < 2.5 V.
(3)
IPULLDOWN is measured with VIN = 1.8 V (lower than UVLO falling threshold, with LDO in disabled state) and 2.5 V applied on VOUT
externally.
www.ti.com
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com