Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 4 Page - Texas Instruments

  TLV76118DCYR Datasheet HTML 1Page - Texas Instruments TLV76118DCYR Datasheet HTML 2Page - Texas Instruments TLV76118DCYR Datasheet HTML 3Page - Texas Instruments TLV76118DCYR Datasheet HTML 4Page - Texas Instruments TLV76118DCYR Datasheet HTML 5Page - Texas Instruments TLV76118DCYR Datasheet HTML 6Page - Texas Instruments TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage (2)
VIN
–0.3
20
V
VOUT (3)
–0.3
VIN + 0.3
Current
Maximum output current
Internally limited
A
Power
Power dissipation
Package limited (4)
W
Temperature
Operating junction (TJ)
–50
150
°C
Storage (TSTG)
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltages with respect to GND.
(3)
VIN + 0.3 V or 18 V (whichever is smaller).
(4)
See thermal information for further details.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±3000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
16
V
VOUT
Output voltage
0.8
13.5
IOUT
Output current (2.5 V ≤ VIN < 3 V)
0
0.8
A
IOUT
Output current (VIN ≥ 3 V)
0
1
COUT ESR
Output capacitor ESR
2
500
mΩ
COUT
Output capacitor(1)
1
2.2
220
µF
CIN
Input capacitor(2)
1
TJ
Junction temperature
–40
125
°C
(1)
Effective output capacitance of 0.47 µF minimum required for stability.
(2)
An input capacitor is not required for LDO stability. However, an input capacitor with an effective value of 0.47 μF minimum is
recommended to counteract the effect of source resistance and inductance, which may in some cases cause symptoms of systemlevel
instability such as ringing or oscillation, especially in the presence of load transients
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com