Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments TLV76118DCYR Datasheet HTML 10Page - Texas Instruments TLV76118DCYR Datasheet HTML 11Page - Texas Instruments TLV76118DCYR Datasheet HTML 12Page - Texas Instruments TLV76118DCYR Datasheet HTML 13Page - Texas Instruments TLV76118DCYR Datasheet HTML 14Page - Texas Instruments TLV76118DCYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
6.3.2 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brick-wall-foldback scheme. The current limit transitions from a
brick-wall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with
the output voltage above VFOLDBACK, the brick-wall scheme limits the output current to the current limit (ICL).
When the voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the
output voltage approaches GND. When the output is shorted, the device supplies a typical current called the
short-circuit current limit (ISC). ICL and ISC are listed in the Electrical Characteristics table.
For this device, VFOLDBACK = 50% × VOUT(nom).
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brick-wall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. When the device output is shorted and the output
is below VFOLDBACK, the pass transistor dissipates power [(VIN – VOUT) × ISC]. If thermal shutdown is triggered,
the device turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on.
If the output current fault condition continues, the device cycles between current limit and thermal shutdown. For
more information on current limits, see the Know Your Limits application note.
Figure 6-1 shows a diagram of the foldback current limit.
VOUT(NOM)
0 V
0 mA
VOUT
VFOLDBACK
ICL
ISC
IRATED
IOUT
Brickwall
Foldback
Figure 6-1. Foldback Current Limit
6.3.3 Undervoltage Lockout (UVLO)
The device has an independent undervoltage lockout (UVLO) circuit that monitors the input voltage, allowing a
controlled and consistent turn on and off of the output voltage. To prevent the device from turning off if the input
drops during turn on, the UVLO has hysteresis as specified in the Electrical Characteristics table.
www.ti.com
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com