Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 1 Page - Texas Instruments

  TLV76118DCYR Datasheet HTML 1Page - Texas Instruments TLV76118DCYR Datasheet HTML 2Page - Texas Instruments TLV76118DCYR Datasheet HTML 3Page - Texas Instruments TLV76118DCYR Datasheet HTML 4Page - Texas Instruments TLV76118DCYR Datasheet HTML 5Page - Texas Instruments TLV76118DCYR Datasheet HTML 6Page - Texas Instruments TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
1 Features
• Pin-compatible with industry-standard LM1117 and
TLV1117 (x1117) devices in select packages
• Input voltage range VIN: 2.5V to 16V (abs max
rating of 20V)
• Output voltage range VOUT:
– 0.8V to 13V (fixed, 100mV steps)
• Output current: Up to 1A
• Low quiescent current IQ:
– 60μA (typical, ~1.5μA in shutdown)
• 1% output accuracy over line, load and
temperature
• High PSRR: 60dB at 1kHz, 40dB at 1MHz
• Internal soft-start time: 500µs (typical)
• Foldback current limiting and thermal protection
• Stable with 1µF ceramic output capacitors
• Temperature range: –40°C to +125°C
• Packages:
– 4-pin, 6.5mm × 7mm SOT-223
– 3-pin, 6.6mm × 10.11mm TO-252 (preview)
2 Applications
• Appliances
• Home theater and entertainment
• Motor drives
• HVAC and building security systems
• Smart meters
3 Description
The TLV761 is a linear voltage regulator that improves
the functionality of a traditional x1117 regulator
(TLV1117 or LM1117) with tighter output accuracy and
low quiescent current (IQ) to lower the standby power
consumption. The TLV761 is pin-to-pin compatible
with other fixed SOT-223, TO-252 regulators.
The TLV761 input voltage range is from 2.5V to 16V
and provides an output voltage range from 0.8V to
13V to support a wide variety of applications.
The wide bandwidth PSRR performance of the
TLV761 is typically greater than 60dB at 1kHz and
40dB at 1MHz, which helps attenuate the switching
frequency of an upstream DC/DC converter and
minimizes post regulator filtering.
Additionally, the TLV761 has an internal soft start
feature to reduce inrush current during start-up,
which can help save space and cost in a design by
minimizing input capacitance. The TLV761 features a
foldback current limit that limits the power dissipation
of the device during high-load current faults or
shorting events.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TLV761
DCY (SOT-223, 4)
6.5mm × 7mm
KVU (TO-252, 3)(3)
6.6mm × 10.11mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Preview information (not Production Data).
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-1
-1.75
0
-1.5
1
-1.25
2
-1
3
-0.75
4
-0.5
5
-0.25
6
0
7
0.25
8
0.5
9
0.75
VIN
IIN
VOUT
Inrush Current With 22µF at COUT
IN
OUT
GND
CIN
1µF
COUT
2.2µF
VIN
VOUT
TLV761
Typical Application Circuit
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TLV76118DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV76118DCYR TI1-TLV76118DCYR Datasheet
2Mb / 30P
TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
REVISED APRIL 2024
More results

Similar Description - TLV76118DCYR

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
logo
Texas Instruments
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
TLV761 TI1-TLV761_V02 Datasheet
1Mb / 24P
TLV761 16-V, 1-A, Fixed Output Linear Voltage Regulator
REVISED FEBRUARY 2023
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Texas Instruments
TLV761 TI-TLV761_V03 Datasheet
1Mb / 24P
TLV761 16-V, 1-A, Fixed Output Linear Voltage Regulator
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com