Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV76118DCYR
Description  TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV76118DCYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV76118DCYR Datasheet HTML 6Page - Texas Instruments TLV76118DCYR Datasheet HTML 7Page - Texas Instruments TLV76118DCYR Datasheet HTML 8Page - Texas Instruments TLV76118DCYR Datasheet HTML 9Page - Texas Instruments TLV76118DCYR Datasheet HTML 10Page - Texas Instruments TLV76118DCYR Datasheet HTML 11Page - Texas Instruments TLV76118DCYR Datasheet HTML 12Page - Texas Instruments TLV76118DCYR Datasheet HTML 13Page - Texas Instruments TLV76118DCYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
6 Detailed Description
6.1 Overview
The TLV761 is a low quiescent current, high PSRR linear regulator capable of sourcing load current up to 1 A.
This device is designed for high current applications such as appliances where there are increasingly stringent
requirements for standby and active power consumption.
This device features integrated foldback current limit, thermal shutdown, internal output pulldown, and
undervoltage lockout (UVLO). This device delivers excellent line and load transient performance. The TLV761
is low noise and exhibits very good PSRR. The operating ambient temperature range of the device is –40°C to
+125°C.
6.2 Functional Block Diagram
Bandgap
Reference
VREF = 0.8 V
VIN
VOUT
GND
Internal
Controller
UVLO
Current
Limit
Thermal
Shutdown
GND
Output
Pull-down
GND
GND
6.3 Feature Description
6.3.1 Dropout Voltage
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. The pass transistor is in the ohmic or triode region of operation, and acts as a
switch. The dropout voltage indirectly specifies a minimum input voltage greater than the nominal programmed
output voltage at which the output voltage is expected to stay in regulation. If the input voltage falls to less than
the nominal output regulation, then the output voltage falls as well.
For a CMOS regulator, the dropout voltage is determined by the drain-source on-state resistance (RDS(ON)) of the
pass transistor. Therefore, if the linear regulator operates at less than the rated current, the dropout voltage for
that current scales accordingly. The following equation calculates the RDS(ON) of the device.
R
=
DS(ON)
V
DO
I
RATED
(1)
TLV761
SBVS349C – FEBRUARY 2020 – REVISED APRIL 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com