Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 48Page - Analog Devices MAX96751 Datasheet HTML 49Page - Analog Devices MAX96751 Datasheet HTML 50Page - Analog Devices MAX96751 Datasheet HTML 51Page - Analog Devices MAX96751 Datasheet HTML 52Page - Analog Devices MAX96751 Datasheet HTML 53Page - Analog Devices MAX96751 Datasheet HTML 54Page - Analog Devices MAX96751 Datasheet HTML 55Page - Analog Devices MAX96751 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 289 page
background image
MAIN READS FROM SUBORDINATE
WRITE DATA FORMAT
MAIN WRITES TO SUBORDINATE
READ DATA FORMAT
SYNC
DEV ADDR + R/W
REG ADDR
NUMBER OF BYTES
BYTE 1
ACK
BYTE N
MAIN WRITES TO SUBORDINATE
SYNC
DEV ADDR + R/W
REG ADDR
NUMBER OF BYTES
MAIN READS FROM SUBORDINATE
ACK
BYTE 1
BYTE N
Figure 30. GMSL2 UART Protocol for Base Mode
UART Bypass Mode
In Bypass mode, the serializer/deserializer ignore UART commands from the μC, allowing the μC to communicate only
with peripheral devices. The μC cannot access the serializer/deserializer’s registers in this mode. The UART transitions
are simply sent over the GMSL link. Ignoring UART transactions prevents inadvertent misprogramming of serializer and
deserializer registers. The device addresses of the serializer and deserializer in this mode are not programmable.
Switching Between UART Base and Bypass Modes
There are two ways to switch between Base and Bypass mode: programming the register and using the MS pin.
When programmed by register, Bypass mode is only active when there is UART activity. When there is no UART activity
for a selected timeout, both devices exit Bypass mode, and the bit is automatically cleared.
When set by the MS pin, a high pin level puts the device into Bypass mode, and a low level puts the device into Base
mode. MS is set on the fly and is not latched on power-up.
UART Frame Format
Regular UART frames with an even parity bit are used to carry 1 byte of data each. A frame consists of a low start bit
followed by 8 data bits, a parity bit, and is finished with a high stop bit. The parity bit is high if the number of ones in the 8
bits of data is odd; otherwise, the parity bit is low. There must be at least 1 high stop bit. If the next frame is in the same
packet, there can be no more than 4 high bits from the end of the stop bit to the beginning of the next start bit. Note that
in the case of a parity bit error, the packet is discarded, starting from the frame with the error. The start of each frame
is always a high-to-low transition (i.e., the stop bit is high, and the start bit is low). The phase of the internal UART bit
clock is adjusted using the start bit of each frame. The framer calibrates the length of 1 UART bit in terms of the internal
oscillator clock using the synchronization frame (i.e., the first frame of a UART packet transmission). In Bypass mode, the
parity bit is enabled by default, but the frames are not checked for parity errors. Either even or odd parity can be used.
The parity bit is passed along with UART data transmissions, and the recipient of the data must perform error checking.
The parity bit (which is enabled by default in Bypass mode) can be disabled before entering Bypass mode. Note that the
bit rate in Bypass mode must be the same bit rate last used in Base mode.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com