Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 9Page - Analog Devices MAX96751 Datasheet HTML 10Page - Analog Devices MAX96751 Datasheet HTML 11Page - Analog Devices MAX96751 Datasheet HTML 12Page - Analog Devices MAX96751 Datasheet HTML 13Page - Analog Devices MAX96751 Datasheet HTML 14Page - Analog Devices MAX96751 Datasheet HTML 15Page - Analog Devices MAX96751 Datasheet HTML 16Page - Analog Devices MAX96751 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 289 page
background image
Electrical Characteristics (continued)
(VDD18 = 1.7V to 1.9V, VDDD = VDDA = 0.95V to 1.05V, VDDIO = 1.7V to 3.6V, VDD33 = 3.14V to 3.47V, TA = −40°C to +105°C, EP
connected to PCB ground, typical values are at VDD18 = VDDIO = 1.8V, VDDD = VDDA = 1.0V, VDD33 = 3.3V, TA = +25°C, unless
otherwise noted.) (Note 1))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS / FORWARD CHANNEL SWITCHING CHARACTERISTICS
Serial Output Rise Time
tR
20% to 80%, VO = 400mV, RL = 100Ω
±1%
50
ps
Serial Output Fall Time
tF
80% to 20%, VO = 400mV, RL = 100Ω
±1%
50
ps
Total Serial Output Jitter
tTSOJ2
PRBS7, single-ended or differential
output
0.15
UI (p-p)
Deterministic Serial
Output Jitter
tDSOJ2
PRBS7, single-ended or differential
output
0.10
UI (p-p)
Lock Time
tLOCK
(Note 5, Note 9)
45
ms
Maximum Video
Initialization Time
tVIDEOSTART
Time from when video is applied to input
to when the first video packet appears at
GMSL2 outputs, assuming the link is
already established.
1.1 +
17,000 x
tPCLK
ms
Maximum Video Latency
tSL
Time from TMDS
input to SIO±
output in GMSL2
packet
Single-link mode
120 x
tPCLK
s
Dual-view splitter
mode
4120 x
tPCLK
PWDNB Hold Time
tHOLD_PWDNB
The minimum duration PWDNB must be
held low to reset the chip.
1
ms
AC ELECTRICAL CHARACTERISTICS / HDMI DIFFERENTIAL INPUT (Rx[2:0]±, RxC±) (Note 2) (Note 6)
Minimum Differential
Sensitivity
150
mVP-P
Video Pixel Clock
Frequency
fPCLK
Single-Link mode
215
MHz
Dual-Link mode
430
TMDS Clock-Jitter
Tolerance
tJTMDS
Relative to ideal recovery clock
0.3
TBIT
Intra-Pair Skew
tINTRA_SKEW
HDMI 1.4, TMDS clock ≤ 222.75MHz
0.4
TBIT
HDMI 1.4, TMDS clock > 222.75MHz
0.15 x
TBIT +
112
ps
HDMI 2.0, 3.4Gbps < RBIT ≤ 6.0Gbps
0.15 x
TBIT +
112
Inter-Pair Skew
tINTER_SKEW
0.2 x
TCHARA
CTER +
1.78
ns
AC ELECTRICAL CHARACTERISTICS / I2C/UART PORT TIMING
Output Fall Time
tF
70% to 30%, CL = 20pF to 100pF, 1kΩ
pull-up to VDDIO (Note 2)
20 x
VDDIO/5.
5V
150
ns
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com