Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 17Page - Analog Devices MAX96751 Datasheet HTML 18Page - Analog Devices MAX96751 Datasheet HTML 19Page - Analog Devices MAX96751 Datasheet HTML 20Page - Analog Devices MAX96751 Datasheet HTML 21Page - Analog Devices MAX96751 Datasheet HTML 22Page - Analog Devices MAX96751 Datasheet HTML 23Page - Analog Devices MAX96751 Datasheet HTML 24Page - Analog Devices MAX96751 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 289 page
background image
PIN
NAME
FUNCTION MODE
FUNCTION
SIGNAL NAME
41
SD
SD*
GPIO12
SD: I2S/TDM Serial-Data Input with an Internal 1MΩ Pull-Down to
Ground. Supports forward audio from serializer to deserializer.
GPIO12: Configurable General-Purpose Input or Output with an
Internal 1MΩ Pull-Down to Ground
42
SDOR/ADD0
ADD0
SDOR*
GPO13
ADD0: Address Selection Input with Internal 1MΩ Pull-Down to
Ground. Latched on power-up.
SDOR: I2S/TDM Serial Data Push-Pull Output. Supports reverse-
channel audio from deserializer to serializer.
GPO13: Configurable General-Purpose Output.
43
SCKOR/ADD1
ADD1
SCKOR*
GPO14
ADD1: Address Selection Input with Internal 1MΩ Pull-Down to
Ground. Latched on power-up.
SCKOR: I2S/TDM Clock Push-Pull Output. Supports reverse-
channel audio from deserializer to serializer.
GPO14: Configurable General-Purpose Output.
55
WSOR/ADD2
ADD2
WSOR*
GPO15
ADD2: Address Selection Input with Internal 1MΩ Pull-Down to
Ground. Latched on power-up.
WSOR: I2S/TDM Word Select Push-Pull Output. Supports reverse-
channel audio from deserializer to serializer.
GPO15: Configurable General Purpose Output.
56
GPIO16/CXTP
CXTP
GPO16*
HS
CXTP: Coax/Twisted-Pair Select Input with an Internal 1MΩ Pull-
Down to Ground. State is latched on power-up. Set CXTP high for
coax cable drive. Set CXTP low for twisted-pair cable.
GPO16: Configurable General-Purpose Output.
HS: Horizontal Sync Push-Pull Output.
1
GPIO17/I2CSEL
I2CSEL
GPO17*
VS
I2CSEL: Control-Channel Interface Select for Primary I2C/UART
with an Internal 1MΩ Pull-Down to Ground. Set I2CSEL high to
select the I2C interface. Set I2CSEL is low to select the UART
interface.
GPO17: Configurable General-Purpose Output.
VS: Vertical Sync Push-Pull Output.
10
SDA_RX
SDA_RX*
GPIO18
SDA_RX: I2C Serial-Data Input/Output or UART Receive. Internal
40kΩ pull-up to VDDIO. SDA: I2C serial data input/open-drain
output. RX: UART input.
GPIO18: Configurable General-Purpose Input or Open-Drain
Output. Function available only if the MAX96751 is being
programmed over the GMSL2 link and not locally. Internal 40kΩ
pull-up to VDDIO.
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com