Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 68Page - Analog Devices MAX96751 Datasheet HTML 69Page - Analog Devices MAX96751 Datasheet HTML 70Page - Analog Devices MAX96751 Datasheet HTML 71Page - Analog Devices MAX96751 Datasheet HTML 72Page - Analog Devices MAX96751 Datasheet HTML 73Page - Analog Devices MAX96751 Datasheet HTML 74Page - Analog Devices MAX96751 Datasheet HTML 75Page - Analog Devices MAX96751 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 289 page
background image
ADDRESS RESET
NAME
MSB
LSB
0x2104
0x00
RX_N_SVAL2
[7:0]*
reg_n_val_sw_15_8[7:0]
0x2105
0x00
RX_N_SVAL3
[7:0]*
–
–
–
–
reg_n_val_sw_19_16[3:0]
0x2106
0x00
RX_N_HVAL1
[7:0]
n_val_hw_7_0[7:0]
0x2107
0x0C
RX_N_HVAL2
[7:0]
n_val_hw_15_8[7:0]
0x2108
0x00
RX_N_HVAL3
[7:0]
–
–
–
–
n_val_hw_19_16[3:0]
0x2109
0x00
RX_CTS_SV
AL1[7:0]*
reg_cts_val_sw_7_0[7:0]
0x210A
0x00
RX_CTS_SV
AL2[7:0]*
reg_cts_val_sw_15_8[7:0]
0x210B
0x00
RX_CTS_SV
AL3[7:0]*
–
–
–
–
reg_cts_val_sw_19_16[3:0]
0x210C
0x68
RX_CTS_HV
AL1[7:0]
cts_val_hw_7_0[7:0]
0x210D
0x3C
RX_CTS_HV
AL2[7:0]
cts_val_hw_15_8[7:0]
0x210E
0x01
RX_CTS_HV
AL3[7:0]
–
–
–
–
cts_val_hw_19_16[3:0]
0x210F
0x00
RX_UPLL_SV
AL[7:0]*
–
reg_upll_val_sw[6:0]
0x2110
0x00
RX_UPLL_HV
AL[7:0]
–
upll_val_hw[6:0]
0x2111
0x00
RX_POST_S
VAL[7:0]*
–
–
reg_post_val_sw[5:0]
0x2112
0x00
RX_POST_H
VAL[7:0]
–
–
post_val_hw[5:0]
0x2113
0x0F
RX_LK_WIN_
SVAL[7:0]
–
–
–
reg_lk_win_sw_4_1[3:0]
reg_lk_w
in_sw_0
0x2114
0x00
RX_LK_THR
S_SVAL1[7:0]
reg_lk_thrs_sval_7_0[7:0]
0x2115
0x00
RX_LK_THR
S_SVAL2[7:0]
reg_lk_thrs_sval_15_8[7:0]
0x2116
0x00
RX_LK_THR
S_SVAL3[7:0]
–
–
–
–
reg_lk_thrs_sval_19_16[3:0]
0x2117
0x11
RX_TCLK_FS
[7:0]*
rhdmi_aud_sample_f
_extn[1:0]
–
reg_fs_fil
ter_en
rhdmi_aud_sample_f[3:0]
0x2118
0x0C
RX_ACR_CT
RL3[7:0]*
–
reg_cts_thresh[3:0]
reg_mclk
_loopbac
k
reg_log_
win_ena
reg_post
_div2_en
a
0x2119
0x00
RX_CHST6[7:
0]
aud_sample_f_coeff[3:0]
bit43
cgms_a_
validity
cgms_a[1:0]
0x211A
0x00
RX_CHST7[7:
0]
bit55_49[6:0]
info_in_p
cm_sign
al
0x2126
0x40
RX_I2S_CTR
L1[7:0]*
reg_inval
id_en
reg_clk_
edge
reg_size
reg_msb
reg_ws
reg_justif
y
reg_data
_dir
reg_1st_
bit
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com