Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 82Page - Analog Devices MAX96751 Datasheet HTML 83Page - Analog Devices MAX96751 Datasheet HTML 84Page - Analog Devices MAX96751 Datasheet HTML 85Page - Analog Devices MAX96751 Datasheet HTML 86Page - Analog Devices MAX96751 Datasheet HTML 87Page - Analog Devices MAX96751 Datasheet HTML 88Page - Analog Devices MAX96751 Datasheet HTML 89Page - Analog Devices MAX96751 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 289 page
background image
REG13 (0xD)
BIT
7
6
5
4
3
2
1
0
Field
DEV_ID[7:0]
Reset
0x83
Access
Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
DEV_ID
7:0
Device Identifier
0x83: MAX96751
REG14 (0xE)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[3:0]
DEV_REV[3:0]
Reset
0x0
0x0
Access
Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
DEV_REV
3:0
Device Revision
0xX: Device revision number
REG15 (0xF)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
SPEED_CPBL[1:0]
DV_CPBL_
N
DUAL_CPB
L_N
SPLTR_CP
BL_N
RSVD
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
SPEED_CPB
L
5:4
Video Resolution Capability
0b00: No PCLK frequency limit
0b01: Reserved
0b10: Reserved
0b11: Reserved
DV_CPBL_N
3
Dual-View Video Splitting Capability
0b0: Dual-view video splitting is available
0b1: Dual-view video splitting is not available
DUAL_CPBL
_N
2
Dual-Link Capability
0b0: Dual-link mode is available
0b1: Dual-link mode is not available
SPLTR_CPB
L_N
1
Splitter Mode Capability
0b0: Splitter mode is available
0b1: Splitter mode is not available
IO_CHK1 (0x39)
BIT
7
6
5
4
3
2
1
0
Field
PIN_DRV_EN_1[7:0]
Reset
0x00
Access
Type
Write, Read
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com