Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX96751 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX96751
Description  GMSL2 Serializer with HDMI 2.0 Input
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96751 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX96751 Datasheet HTML 88Page - Analog Devices MAX96751 Datasheet HTML 89Page - Analog Devices MAX96751 Datasheet HTML 90Page - Analog Devices MAX96751 Datasheet HTML 91Page - Analog Devices MAX96751 Datasheet HTML 92Page - Analog Devices MAX96751 Datasheet HTML 93Page - Analog Devices MAX96751 Datasheet HTML 94Page - Analog Devices MAX96751 Datasheet HTML 95Page - Analog Devices MAX96751 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 289 page
background image
INTR3 (0x1B)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
REM_ERR_
FLAG
HDMI_INT
LFLT_INT
IDLE_ERR_
FLAG
DEC_ERR_
FLAG_B
DEC_ERR_
FLAG_A
Reset
0b0
0b0
0b0
0b0
0b0
0b0
0b0
0b0
Access
Type
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
REM_ERR_F
LAG
5
Received remote side error status (inverse of
remote side ERRB pin level)
0b0: No remote side error
0b1: Remote side error
HDMI_INT
4
HDMI Receiver Interrupt
0b0: No HDMI receiver interrupt
0b1: HDMI receiver interrupt
LFLT_INT
3
Line-Fault Interrupt
Asserted when either line-fault monitor
indicates a fault status. See LF_0 (0x04) and
LF_1 (0x04) bitfields for more information.
0b0: No line fault
0b1: Line fault
IDLE_ERR_F
LAG
2
Idle-Word Error Flag
Asserted when IDLE_ERR (0x24) ≥
DEC_ERR_THR (0x18).
0b0: Flag not asserted
0b1: Flag asserted
DEC_ERR_F
LAG_B
1
Decoding Error Flag for Link-B
Asserted when DEC_ERR_B (0x23) ≥
DEC_ERR_THR (0x18).
0b0: Flag not asserted
0b1: Flag asserted
DEC_ERR_F
LAG_A
0
Decoding Error Flag for Link-A
Asserted when DEC_ERR_A (0x22) ≥
DEC_ERR_THR (0x18).
0b0: Flag not asserted
0b1: Flag asserted
INTR4 (0x1C)*
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
MEM_INT_
ERR_OEN
RSVD
MAX_RT_O
EN
RT_CNT_O
EN
PKT_CNT_
OEN
WM_ERR_
OEN
Reset
0b0
0b0
0b0
0b0
0b1
0b0
0b0
0b1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
MEM_INT_E
RR_OEN
5
Enable reporting of memory error status
(MEM_INT_ERR_FLAG - 0x1D) at ERRB pin
0b0: Reporting disabled
0b1: Reporting enabled
MAX_RT_OE
N
3
Enable reporting of combined ARQ maximum
retransmission limit error flag
(MAX_RT_FLAG - 0x1D) at ERRB pin
0b0: Reporting disabled
0b1: Reporting enabled
RT_CNT_OE
N
2
Enable reporting of combined ARQ
retransmission event flag (RT_CNT_FLAG -
0x1D) at ERRB pin
0b0: Reporting disabled
0b1: Reporting enabled
PKT_CNT_O
EN
1
Reserved
0b0: Reporting disabled
0b1: Reporting enabled
MAX96751
GMSL2 Serializer with HDMI 2.0 Input
www.analog.com
Analog Devices | 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com