Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256E-FDW6TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 9Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 10Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 11Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 12Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 13Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 14Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 15Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 16Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
6.1.1
Byte write
After the device select code and the address bytes, the bus master sends one data byte. If the addressed location
is write-protected, by write control WC being driven high, the device replies with noACK, and the location is not
modified, as shown in Figure 7. If, instead, the addressed location is not write-protected, the device replies with
ACK. The bus master terminates the transfer by generating a stop condition, as shown in Figure 6.
Figure 6. Write mode sequence with WC = 0 (data write enabled)
WC
Byte Write
Dev sel
Byte addr
Byte addr
Data in
ACK
ACK
ACK
ACK
RW
WC
Dev sel
Byte addr
Byte addr
ACK
ACK
ACK
ACK
RW
Data in 1
Data in 2
Page Write
Page Write (cont’d)
WC (cont’d)
ACK
ACK
Data in N
M24256E-F
Write operations on memory array
DS12687 - Rev 3
page 13/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com