Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256E-FDW6TP Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 24Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 25Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 26Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 27Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 28Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 29Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 30Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 31Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Table 14. DC characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
device in Standby mode
-
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage applied on SDA: VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
fC = 400 kHz
-
0.5
mA
fC = 1 MHz
-
1
ICC0
Supply current (Write)
Value averaged over tW
-
1 (1)
mA
ICC1
Standby supply current
Device not selected, (2)
VIN = VSS or VCC, VCC < 2.5 V
-
1
µA
Device not selected, (2)
VIN = VSS or VCC, VCC ≥ 2.5 V
-
2
VIL
Input low voltage
(SCL, SDA, WC)
1.6 ≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 ≤ VCC ≤ 5.5 V
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
1.6 ≤ VCC < 2.5 V
0.75 VCC
6
V
2.5 ≤ VCC ≤ 5.5 V
0.7 VCC
6
V
Input high voltage
(WC)
1.6 ≤ VCC < 2.5 V
0.75 VCC VCC + 0.6
V
2.5 ≤ VCC ≤ 5.5 V
0.7 VCC VCC + 0.6
V
VOL
Output low voltage
IOL = 1 mA, VCC = 1.6 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-
0.4
V
1. Evaluated by characterization – Not tested in production.
2. The device is not selected after power-up, after a read instruction (after the stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a write instruction).
M24256E-F
DS12687 - Rev 3
page 28/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com